Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8718 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI8718
Description  EVALUATION BOARD USERS GUIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8718 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI8718 Datasheet HTML 1Page - Silicon Laboratories SI8718 Datasheet HTML 2Page - Silicon Laboratories SI8718 Datasheet HTML 3Page - Silicon Laboratories SI8718 Datasheet HTML 4Page - Silicon Laboratories SI8718 Datasheet HTML 5Page - Silicon Laboratories SI8718 Datasheet HTML 6Page - Silicon Laboratories SI8718 Datasheet HTML 7Page - Silicon Laboratories SI8718 Datasheet HTML 8Page - Silicon Laboratories SI8718 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Si871x-EVB
Rev. 0.1
5
3.1. Board Jumper Settings
To run the demo, follow the instructions below. Review Figure 4 and Figures 9 through 11 if necessary.
1. If demonstrating the SOIC8 or DIP8 EVB featuring the Si8718, ensure that J2 is installed as shown in
Figure 1 or 2.
2. If demonstrating the SDIP6 EVB featuring the Si8719, ensure that J2 is installed as shown in Figure 3.
3.2. DC Supply Configuration
1. Turn OFF the dc power supply and ensure that the output voltage is set to its lowest output voltage.
2. Connect the banana ends of the black and red banana to clip terminated wires to the outputs of the dc
supply.
3. Then, connect the clip end of the red and black banana to clip wires to P2. The red wire goes to Pin1. The
black wire goes to Pin4.
4. Turn ON the dc power supply.
5. Adjust the dc power supply to provide 5 V on its output.
6. Ensure that the current draw is less than 25 mA. If it is larger, this indicates that either the board or Si871x
has been damaged or the supply is connected backwards.
3.3. Wave Form Generator
1. Turn ON the arbitrary waveform generator with the output disengaged.
2. Adjust its output to provide a 500 kHz, 0 to 5 V peak square wave (50 percent duty cycle) to its output.
3. Split the output of the generator with a BNC splitter.
4. From the BNC splitter, connect a coaxial cable to CH1 of the scope. This will be the input.
5. Connect a second coaxial cable to the BNC splitter, and connect a BNC-to-clip converter to the end of the
coaxial cable.
6. From here, connect the clip end of the BNC-to-clip converter to P1, Pin1 (red wire here) and Pin3 (black
wire here). The positive terminal is Pin1 on P1.
7. Connect one end of a third coaxial cable to a BNC-to-clip converter (note that a scope probe can be used
here instead).
8. From here, connect the clip end of the BNC-to-clip converter to P2, Pin3 (red wire here) and Pin4 (black
wire here). Vo is on P2 Pin3.
9. Connect the other end of the coaxial cable to CH2 of the oscilloscope. This will be the output.
10. Engage the output of the waveform generator.
3.4. Oscilloscope Setup
1. Turn ON the oscilloscope.
2. Set the scope to Trigger on CH1 and adjust the trigger level to 1 V minimum.
3. Set CH1and CH2 to 2 V per division.
4. Adjust the seconds/division setting to 400 ns/division.
5. Adjust the level indicator for all channels to properly view each channel as shown in Figure 5.
A 500 kHz square wave should display on Channel 1 of the scope for the input and a 5 V delayed and inverted
version of this square wave should display the output on Channel 2, as shown in Figure 5. This concludes the
basic demo. For more advanced demos, see the following sections.


Similar Part No. - SI8718

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8718BC-A-IP SILABS-SI8718BC-A-IP Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Si8718BC-A-IP SILABS-Si8718BC-A-IP Datasheet
1Mb / 35P
   Industrial automation
logo
Skyworks Solutions Inc.
SI8718BC-A-IP SKYWORKS-SI8718BC-A-IP Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI8718BC-A-IS SILABS-SI8718BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Si8718BC-A-IS SILABS-Si8718BC-A-IS Datasheet
1Mb / 35P
   Industrial automation
More results

Similar Description - SI8718

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
   EVALUATION BOARD USERS GUIDE
SI3462-EVB SILABS-SI3462-EVB Datasheet
1Mb / 32P
   EVALUATION BOARD USERS GUIDE
SI8232 SILABS-SI8232 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com