Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSE10-P4212 Datasheet(PDF) 3 Page - SICK AG

Part # GSE10-P4212
Description  Through-beam photoelectric sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GSE10-P4212 Datasheet(HTML) 3 Page - SICK AG

  GSE10-P4212 Datasheet HTML 1Page - SICK AG GSE10-P4212 Datasheet HTML 2Page - SICK AG GSE10-P4212 Datasheet HTML 3Page - SICK AG GSE10-P4212 Datasheet HTML 4Page - SICK AG GSE10-P4212 Datasheet HTML 5Page - SICK AG GSE10-P4212 Datasheet HTML 6Page - SICK AG GSE10-P4212 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/18/2016 2:11:29 AM
1) Limit values when operated in short-circuit protected network: max. 8 A 2) May not exceed or fall below Uv tolerances 3) Signal transit time with resistive load 4) A =
VS connections reverse-polarity protected 5) B = inputs and output reverse-polarity protected 6) C = interference suppression 7) D = outputs overcurrent and short-
circuit protected 8) Complies with the UL325 standard when used with sturdy protection hood (e.g. BEF-G10WSG, 2071960). 9) With light/dark ratio 1:1
Output type:
PNP
Switching mode:
Light/dark switching
Switching mode selector:
Selectable via light/dark selector
Output current Imax.:
≤ 100 mA
Response time:
≤ 500 µs 3)
Connection type:
M12, 4-pin male connector
Circuit protection::::
A, B, C, D 4) 5) 6) 7)
Protection class:
III
Weight:
70 g
Polarisation filter:
-
Special device:
-
Enclosure rating:
IP 67
Items supplied:
Mounting bracket BEF-G10DC01 (2x)
EMC:
EN 60947-5-2
Test input:
-
Ambient operating temperature:
-30 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +70 °C
UL File No.:
NRKH.E348498 & NRKH7.E348498
Further standards:
UL325 8)
Switching frequency max.:
1,000 Hz 9)
Housing material:
PVC ∕ PMMA, Plastic


Similar Part No. - GSE10-P4212

ManufacturerPart #DatasheetDescription
logo
SICK AG
GSE10-P4211 SICK-GSE10-P4211 Datasheet
762Kb / 7P
   Through-beam photoelectric sensor
More results

Similar Description - GSE10-P4212

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLR-C23PA-NMS-400 CONTRINEX-LLR-C23PA-NMS-400 Datasheet
461Kb / 6P
   PHOTOELECTRIC SENSOR THROUGH-BEAM
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE4S-3E3130H SICK-WSE4S-3E3130H Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
WSE4S-3F3130H SICK-WSE4S-3F3130H Datasheet
919Kb / 5P
   Through-beam photoelectric sensor
WSE4SL-3N1137 SICK-WSE4SL-3N1137 Datasheet
847Kb / 7P
   Through-beam photoelectric sensor
WSE9L-3N2237 SICK-WSE9L-3N2237 Datasheet
881Kb / 8P
   Through-beam photoelectric sensor
WSE2S-2P3030S02 SICK-WSE2S-2P3030S02 Datasheet
688Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3130 SICK-WSE2S-2P3130 Datasheet
684Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P110 SICK-WSWE2F-P110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com