Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8645BB-B-IS Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI8645BB-B-IS
Description  Low-Power Quad-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8645BB-B-IS Datasheet(HTML) 3 Page - Silicon Laboratories

  SI8645BB-B-IS Datasheet HTML 1Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 2Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 3Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 4Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8645BB-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Ordering Part Number (OPN)
Number of
Inputs
VDD1 Side
Number of
Inputs
VDD2 Side
Max Data
Rate (Mbps)
Default
Output
State
Isolation
Rating
(kV)
Temp (°C)
Package
Product Options with Reinforced VDE 0884-10 Rating with 10 kV Surge Capability
Si8640BT-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8640ET-IS
4
0
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8641BT-IS
3
1
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8641ET-IS
3
1
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8642BT-IS
2
2
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8642ET-IS
2
2
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8645BT-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8645ET-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Note:
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions and peak solder temperatures.
2. “Si” and “SI” are used interchangeably.
Si864x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.9 | 2


Similar Part No. - SI8645BB-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8645BB-B-IS SILABS-Si8645BB-B-IS Datasheet
840Kb / 42P
   High-speed operation
logo
Skyworks Solutions Inc.
SI8645BB-B-IS SKYWORKS-SI8645BB-B-IS Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Silicon Laboratories
Si8645BB-B-IS1 SILABS-Si8645BB-B-IS1 Datasheet
840Kb / 42P
   High-speed operation
logo
Skyworks Solutions Inc.
SI8645BB-B-IS1 SKYWORKS-SI8645BB-B-IS1 Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Similar Description - SI8645BB-B-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI864X SKYWORKS-SI864X Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com