Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5208FBRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADG5208FBRUZ
Description  Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5208FBRUZ Datasheet(HTML) 4 Page - Analog Devices

  ADG5208FBRUZ Datasheet HTML 1Page - Analog Devices ADG5208FBRUZ Datasheet HTML 2Page - Analog Devices ADG5208FBRUZ Datasheet HTML 3Page - Analog Devices ADG5208FBRUZ Datasheet HTML 4Page - Analog Devices ADG5208FBRUZ Datasheet HTML 5Page - Analog Devices ADG5208FBRUZ Datasheet HTML 6Page - Analog Devices ADG5208FBRUZ Datasheet HTML 7Page - Analog Devices ADG5208FBRUZ Datasheet HTML 8Page - Analog Devices ADG5208FBRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADG5208F/ADG5209F
Data Sheet
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
180
ns typ
RL = 1 kΩ, CL = 35 pF
230
245
260
ns max
VS = 8 V, see Figure 45
tON (EN)
180
ns typ
RL = 1 kΩ, CL = 35 pF
235
250
260
ns max
VS = 10 V, see Figure 44
tOFF (EN)
95
ns typ
RL = 1 kΩ, CL = 35 pF
125
145
145
ns max
VS = 10 V, see Figure 44
Break-Before-Make Time Delay, tD
130
ns typ
RL = 1 kΩ, CL = 35 pF
90
ns min
VS = 10 V, see Figure 43
Overvoltage Response Time, tRESPONSE
90
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 41
115
130
130
ns max
Overvoltage Recovery Time, tRECOVERY
745
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 42
945
965
970
ns max
Charge Injection, QINJ
−0.4
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 46
Off Isolation
−76
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
Channel-to-Channel Crosstalk
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 40
Adjacent Channels
−75
dB typ
Nonadjacent Channels
−88
dB typ
Total Harmonic Distortion Plus Noise,
THD + N
0.005
% typ
RL = 10 kΩ, VS = 15 V p-p, f = 20 Hz to 20 kHz, see
Figure 37
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see Figure 39
ADG5208F
190
MHz typ
ADG5209F
290
MHz typ
Insertion Loss
10.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 39
CS (Off)
4
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
VS = 0 V, f = 1 MHz
ADG5208F
13
pF typ
ADG5209F
8
pF typ
CD (On), CS (On)
VS = 0 V, f = 1 MHz
ADG5208F
20
pF typ
ADG5209F
14
pF typ
POWER REQUIREMENTS
VDD = +16.5 V; VSS = −16.5 V; GND = 0 V; digital
inputs = 0 V, 5 V, or VDD
Normal Mode
IDD
1.3
mA typ
2
2
mA max
IGND
0.75
mA typ
1.25
1.25
mA max
ISS
0.65
mA typ
0.8
0.85
mA max
Fault Mode
VS = ±55 V
IDD
1.6
mA typ
2.2
2.3
mA max
IGND
0.9
mA typ
1.6
1.7
mA max
ISS
0.65
mA typ
1.0
1.1
mA max
VDD/VSS
±5
V min
GND = 0 V
±22
V max
GND = 0 V
1
Guaranteed by design; not subject to production test.
Rev. 0 | Page 4 of 27


Similar Part No. - ADG5208FBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208FBRUZ AD-ADG5208FBRUZ Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5208FBRUZ-RL7 AD-ADG5208FBRUZ-RL7 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
More results

Similar Description - ADG5208FBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
logo
Texas Instruments
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com