Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1055ACPZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1055ACPZ-RL
Description  Digital Controller for Power Supply Applications with PMBus Interface
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-RL Datasheet(HTML) 5 Page - Analog Devices

  ADP1055ACPZ-RL Datasheet HTML 1Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 2Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 3Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 4Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 5Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 6Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 7Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 8Page - Analog Devices ADP1055ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 5 of 140
SPECIFICATIONS
VDD = 3.0 V to 3.6 V, TA = −40°C to +125°C, unless otherwise noted. FSR = full-scale range.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Supply Voltage
VDD
4.7 μF capacitor connected to AGND
3.0
3.3
3.6
V
Supply Current
IDD
Normal operation (CTRL pin is high)
63
mA
Normal operation (CTRL pin is low)
55
mA
During EEPROM programming (40 ms)
IDD + 8
mA
During black box write
IDD + 8
mA
Current with VDD < VCORE POR
100
μA
POWER-ON RESET
Power-On Reset
POR
VDD rising
3.0
V
Undervoltage Lockout
UVLO
VDD falling
2.75
2.85
2.97
V
Overvoltage Lockout
OVLO
3.8
4.0
4.1
V
OVLO Debounce
Set to 2 μs (Register 0xFE4D[5] = 0)
2.0
μs
Set to 500 μs (Register 0xFE4D[5] = 1)
500
μs
VCORE PIN
0.33 μF capacitor connected to DGND
Power-On Reset (POR)
VDD falling
2.1
V
Output Voltage
TA = 25°C
2.6
V
Maximum Time from POR to
Outputs Switching
No black box recording
(Register 0xFE48[1:0] = 00)
10
ms
With black box recording
(Register 0xFE48[1:0] = 01, 10, or 11)
45
ms
OSCILLATOR AND PLL
PLL Frequency
RES = 10 kΩ (±0.1%)
190
200
210
MHz
OUTA, OUTB, OUTC, OUTD, SR1,
SR2 PINS
Output Low Voltage
VOL
Sink current = 10 mA
0.8
V
Output High Voltage
VOH
Source current = 10 mA
VDD − 0.8
V
Rise Time
CLOAD = 50 pF
3.5
ns
Fall Time
CLOAD = 50 pF
1.5
ns
VOLTAGE FEEDFORWARD (VFF PIN)
ADC Clock Frequency
1.56
MHz
Feedforward (Slow) Input
Voltage Range
VFF
For reporting; equivalent resolution
of 12 bits
0
1
1.6
V
ADC Usable Input Voltage Range
0
1.57
V
Measurement Accuracy (Slow
and Fast Feedforward)
Factory trimmed at 1.0 V
0% to 100% of usable input voltage range
−2.5
+2.5
% FSR
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
900 mV to 1.1 V
−1.5
+1.5
% FSR
Leakage Current
1.0
μA
FEEDFORWARD FUNCTION
(VFF PIN)
Feedforward (Fast) Input
Voltage Range
0.6
1
1.6
V
Sampling Period for
Feedforward (Fast) ADC
Equivalent resolution of 12 bits
1
μs
VS LOW SPEED ADC
Input Voltage Range
Differential voltage from VS+ to VS−
0
1
1.6
V
Usable Input Voltage Range
0
1.55
V
ADC Clock Frequency
1.56
MHz


Similar Part No. - ADP1055ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1050 AD-ADP1050 Datasheet
1Mb / 93P
   Versatile digital voltage mode controller
ADP1050ACPZ-R7 AD-ADP1050ACPZ-R7 Datasheet
1Mb / 93P
   Versatile digital voltage mode controller
ADP1050ACPZ-RL AD-ADP1050ACPZ-RL Datasheet
1Mb / 93P
   Versatile digital voltage mode controller
ADP1050DC1-EVALZ AD-ADP1050DC1-EVALZ Datasheet
1Mb / 93P
   Versatile digital voltage mode controller
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
More results

Similar Description - ADP1055ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
   Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com