Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D58V0F1A5LP37B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D58V0F1A5LP37B
Description  58V UNIDIRECTIONAL TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D58V0F1A5LP37B Datasheet(HTML) 3 Page - Diodes Incorporated

  D58V0F1A5LP37B Datasheet HTML 1Page - Diodes Incorporated D58V0F1A5LP37B Datasheet HTML 2Page - Diodes Incorporated D58V0F1A5LP37B Datasheet HTML 3Page - Diodes Incorporated D58V0F1A5LP37B Datasheet HTML 4Page - Diodes Incorporated D58V0F1A5LP37B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D58V0M4U8MR
Document number: DS36183 Rev. 2 - 2
3 of 5
www.diodes.com
April 2014
© Diodes Incorporated
D58V0M4U8MR
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
tp (mS)
Figure 3 Peak Pulse Power vs. Exponential Pulse Duration
(T Initial = 25°C)
J
T Initial = 25°C
J
0.1
1.0
10.0
100.0
70
80
90
100
V
(V)
Figure 4 Clamping Voltage vs. Peak Pulse Current
CL
(Exponential Waveform, Maximum Values)
T Initial = 25°C
8/20µs
J
10
100
1000
40
45
50
55
V (V)
Figure 5 Capacitance vs. Voltage (typical values)
R
f = 1MHz
V
= 30mV
T = 25°C
OSC
RMS
J
V
(V)
Figure 6 Peak Forward Voltage Drop vs.
Peak Forward Current (typical values)
FM
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0
0.5
1
1.5
T = 25°C
J
T = 125°C
J
t (s)
Figure 7 Relative Variation of Thermal Impedance
Junction Ambient vs. Pulse Duration
P
0.01
0.1
1
1.0E-03
1.0E-01
1.0E+01
1.0E+03
T (°C)
Figure 8 Leakage Current vs. Junction Temperature
(typical values)
J
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
V = V
RRWM


Similar Part No. - D58V0F1A5LP37B

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
D58 PETERMANN-D58 Datasheet
90Kb / 5P
   HIGH RELIABILITY FOR LOW COST
logo
Infineon Technologies A...
D5807N INFINEON-D5807N Datasheet
199Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:1
D5810N INFINEON-D5810N Datasheet
245Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-05-13 revision:1.0
logo
List of Unclassifed Man...
D5884 ETC2-D5884 Datasheet
402Kb / 3P
   4/6 VARIABLE TOOTH DESIGN-FAST CUT
D5885 ETC2-D5885 Datasheet
402Kb / 3P
   4/6 VARIABLE TOOTH DESIGN-FAST CUT
More results

Similar Description - D58V0F1A5LP37B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
ON Semiconductor
SMDA05-6R2 ONSEMI-SMDA05-6R2 Datasheet
147Kb / 4P
   Unidirectional TVS Array
July, 2006 ??Rev. 3
logo
Shanghai Leiditech Elec...
LCC08DT LEIDITECH-LCC08DT Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD08DT3 LEIDITECH-LCD08DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD18DT3 LEIDITECH-LCD18DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD15DT3 LEIDITECH-LCD15DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD12DT3 LEIDITECH-LCD12DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD33DT3 LEIDITECH-LCD33DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD05DT3 LEIDITECH-LCD05DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com