Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165E-SY-02 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A165E-SY-02
Description  Separate Construction with Smallest Class of Depth in the World
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165E-SY-02 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A165E-SY-02 Datasheet HTML 1Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 2Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 3Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 4Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 5Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 6Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 7Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 8Page - Omron Electronics LLC A165E-SY-02 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
A165E
Ordering Information
List of Sets
List of Sets (in Different Colors)
* Models with yellow or gray pushbutton colors cannot be used as emergency switches.
Individual Parts (for Switches with Separate Construction)
Operation Units
Lamps
Switches
Switch Units
Illumination
Rated voltage
Pushbutton color
Pushbutton size
Terminal
Contact form
Model
LED
24 VAC/VDC
Red
30 dia.
Solder terminal
SPST-NC
A165E-LS-24D-01
DPST-NC
A165E-LS-24D-02
Non-lighted
---
SPST-NC
A165E-S-01
DPST-NC
A165E-S-02
LED
24 VAC/VDC
40 dia.
SPST-NC
A165E-LM-24D-01
DPST-NC
A165E-LM-24D-02
Non-lighted
---
SPST-NC
A165E-M-01
DPST-NC
A165E-M-02
Non-lighted
---
30 dia.
TPST-NC
A165E-S-03U
40 dia.
A165E-M-03U
Illumination
Pushbutton color
*
Pushbutton size
Terminal
Contact form
Model
Non-lighted
Yellow
30 dia.
Solder terminal
SPST-NC
A165E-SY-01
Gray
A165E-SGR-01
Yellow
DPST-NC
A165E-SY-02
Gray
A165E-SGR-02
Yellow
TPST-NC
A165E-SY-03U
Gray
A165E-SGR-03U
Appearance
Illumination
Model
30
dia.
Non-lighted
A165E-S
Lighted
A165E-LS
40 dia.
Non-lighted
A165E-M
Lighted
A165E-LM
Appearance
LED color
Rated
voltage
Model
Red
Bright
5 VDC
A16-5DSR
12 VAC/VDC
A16-12DSR
24 VAC/VDC
A16-24DSR
Appearance
Illumination
Contact
form
Model
Non-lighted
SPST-NC
A165E-01
DPST-NC
A165E-02
Lighted
SPST-NC
A165E-01L
DPST-NC
A165E-02L
Appearance
Illumination
Contact
form
Model
Lighted
SPST-NC
A165E-R-24D-01
DPST-NC
A165E-R-24D-02


Similar Part No. - A165E-SY-02

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A165 3M-A165 Datasheet
142Kb / 2P
   3M??Diamond Pad Conditioner A165
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
logo
KEC(Korea Electronics)
A1658 KEC-A1658 Datasheet
177Kb / 5P
   2SC3229
logo
Inchange Semiconductor ...
A1659 ISC-A1659 Datasheet
119Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - A165E-SY-02

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB ROHM-SMLP36RGB Datasheet
402Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34 ROHM-SMLP34 Datasheet
1Mb / 9P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
   The smallest 3 color type LED in the world
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
   The smallest 3 color type LED in the world PICOLED-RGB
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com