Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165E-01 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A165E-01
Description  Separate Construction with Smallest Class of Depth in the World
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165E-01 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A165E-01 Datasheet HTML 1Page - Omron Electronics LLC A165E-01 Datasheet HTML 2Page - Omron Electronics LLC A165E-01 Datasheet HTML 3Page - Omron Electronics LLC A165E-01 Datasheet HTML 4Page - Omron Electronics LLC A165E-01 Datasheet HTML 5Page - Omron Electronics LLC A165E-01 Datasheet HTML 6Page - Omron Electronics LLC A165E-01 Datasheet HTML 7Page - Omron Electronics LLC A165E-01 Datasheet HTML 8Page - Omron Electronics LLC A165E-01 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
A165E
Characteristics
*1. LED not mounted. (Test them with the LED removed.)
*2. Degree of protection from the front of the panel.
Operating Characteristics
Structure and Nomenclature
Type
Item
Emergency Stop Switch
Non-lighted
A165E-S/A165E-M
Lighted
A165E-LS/A165-LM
Non-lighted,
One-piece construction
A165E-U
Allowable operating
frequency
Mechanical
20 operations/minute max.
Electrical
10 operations/minute max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
Between terminals of same polarity 1,000 VAC, 50/60 Hz for 1 min
Between terminals of different
polarity
2,000 VAC 50/60 Hz for 1 min
Between each terminal and ground 2,000 VAC 50/60 Hz for 1 min
Between lamp terminals
1,000 VAC, 50/60 Hz for 1 min
*1---
Vibration resistance Malfunction
10 to 55 Hz, 1.5-mm double amplitude (malfunction within 1 ms)
Shock resistance
Destruction
500 m/s2
Malfunction
300 m/s2 max.
(malfunction within 1 ms)
150 m/s2 max.
(malfunction within 1 ms)
Durability
Mechanical
100,000 operations min.
Electrical
100,000 operations min.
Degree of protection
IP65 Oil-resistant
*2
IP65
*2
IP65 Oil-resistant
*2
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (EN60947-5-1)
Weight
Approx. 16 g (in case of DPST-NC Switches)
Ambient operating temperature
−10 to 55°C (with no icing or condensation)
Ambient operating humidity
35% to 85%
Ambient storage temperature
−25 to 65°C (with no icing or condensation)
Type
Item
Characteristics of models
with separate construction
Characteristics of models
with one-piece construction
Operating force
OF max.
14.7 N
14.7 N
Releasing force
RF min.
0.1 N·m
0.1 N·m
Pretravel
PT
3.5
±0.5 mm
3
±0.5 mm
Switch Holder
Operation Unit
Color
Operation Unit Color
• Models with LED illumination: Red
• Non-lighted models
* : Red, yellow, or gray
Degree of Protection
IP65 oil resistance
Specifications
For standard load
125 VAC, 5 A
250 VAC, 3 A
30 VDC, 3 A
Operation Unit
Switch
(The above figure is example of the
separate construction model.)
* Models with yellow or gray pushbutton colors cannot be used as emergency switches.


Similar Part No. - A165E-01

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A165 3M-A165 Datasheet
142Kb / 2P
   3M??Diamond Pad Conditioner A165
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
logo
KEC(Korea Electronics)
A1658 KEC-A1658 Datasheet
177Kb / 5P
   2SC3229
logo
Inchange Semiconductor ...
A1659 ISC-A1659 Datasheet
119Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - A165E-01

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB ROHM-SMLP36RGB Datasheet
402Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34 ROHM-SMLP34 Datasheet
1Mb / 9P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
   The smallest 3 color type LED in the world
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
   The smallest 3 color type LED in the world PICOLED-RGB
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com