Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BM20
Description  BM20 BLUETOOTH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BM20 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BM20 Datasheet HTML 6Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 7Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 8Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 9Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 10Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 11Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 12Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 13Page - List of Unclassifed Manufacturers BM20 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
BM20 BLUETOOTH
EVALUTATION BOARD USER
’S GUIDE
page 10
paired smartphone. This demonstration requires a microphone. It would be good to use a PC
headset/microphone (with two-plugs). The following are the steps to perform the demonstration.
1.
Connect the headset/microphone to BM20
evaluation board’s audio out connector (P6) and MIC input
(P5) respectively.
2.
Connect BM20 evaluation board to a smartphone that supports the A2DP and HFP/HSP Bluetooth
profiles.
3.
From another one phone, initiate a call to the smartphone that is paired with BM20 evaluation board. The
A2DP stream pauses and the ringtone plays on the headset/microphone.
4.
Click butto
n “MFB” on BM20 evaluation board to accept the incoming call.
2.4 SOFTWARE/UTILITY REQUIREMENTS
2.4.1 UI SETTING


Similar Part No. - BM20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM20 MICROCHIP-BM20 Datasheet
2Mb / 46P
   Bluetooth짰 4.1 Stereo Audio Module
2015
logo
List of Unclassifed Man...
BM201 ETC-BM201 Datasheet
285Kb / 1P
   GENERAL SPECIFICATIONS
logo
Sumida Corporation
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
   19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
   21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
logo
List of Unclassifed Man...
BM202 ETC-BM202 Datasheet
285Kb / 1P
   GENERAL SPECIFICATIONS
More results

Similar Description - BM20

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
DBF81F107 SOSHIN-DBF81F107 Datasheet
101Kb / 2P
   Bluetooth
DBF81H904 SOSHIN-DBF81H904 Datasheet
166Kb / 2P
   Bluetooth
DBF81F001 SOSHIN-DBF81F001 Datasheet
100Kb / 2P
   Bluetooth
DBF81G601 SOSHIN-DBF81G601 Datasheet
98Kb / 2P
   Bluetooth
DBF81H903 SOSHIN-DBF81H903 Datasheet
101Kb / 2P
   Bluetooth
DBF81F106 SOSHIN-DBF81F106 Datasheet
101Kb / 2P
   Bluetooth
logo
Kyocera Kinseki Corpota...
CX-4025S KSS-CX-4025S Datasheet
176Kb / 1P
   For Bluetooth
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
   BLUETOOTH BASEBAND
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com