Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX55 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCX55
Description  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX55 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCX55 Datasheet HTML 1Page - Infineon Technologies AG BCX55 Datasheet HTML 2Page - Infineon Technologies AG BCX55 Datasheet HTML 3Page - Infineon Technologies AG BCX55 Datasheet HTML 4Page - Infineon Technologies AG BCX55 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCX54...BCX56
3
Jul-10-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BCX54
BCX55
BCX56
V(BR)CEO
45
60
80
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IB = 0
BCX54
BCX55
BCX56
V(BR)CBO
45
60
100
-
-
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
20
µA
DC current gain 1)
IC = 5 mA, VCE = 2 V
hFE
25
-
-
-
DC current gain 1)
IC = 150 mA, VCE = 2 V
BCX54...56
hFE-grp.10
hFE-grp.16
hFE
40
63
100
-
100
160
250
160
250
DC current gain 1)
IC = 500 mA, VCE = 2 V
hFE
25
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.5
V
Base-emitter voltage 1)
IC = 500 mA, VCE = 2 V
VBE(ON)
-
-
1
AC Characteristics
fT
-
100
-
MHz
Transition frequency
IC = 50 mA, VCE = 10 V, f = 20 MHz
1) Pulse test: t
≤=300µs, D = 2%


Similar Part No. - BCX55

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BCX55 DGNJDZ-BCX55 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BCX55 PHILIPS-BCX55 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Central Semiconductor C...
BCX55 CENTRAL-BCX55 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
BCX55 BILIN-BCX55 Datasheet
191Kb / 5P
   NPN Silicon AF Transistors
logo
Goodwork Semiconductor ...
BCX55 GWSEMI-BCX55 Datasheet
531Kb / 4P
   Plastic-Encapsulate Transistors
More results

Similar Description - BCX55

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com