Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI52143 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI52143
Description  PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52143 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI52143 Datasheet HTML 1Page - Silicon Laboratories SI52143 Datasheet HTML 2Page - Silicon Laboratories SI52143 Datasheet HTML 3Page - Silicon Laboratories SI52143 Datasheet HTML 4Page - Silicon Laboratories SI52143 Datasheet HTML 5Page - Silicon Laboratories SI52143 Datasheet HTML 6Page - Silicon Laboratories SI52143 Datasheet HTML 7Page - Silicon Laboratories SI52143 Datasheet HTML 8Page - Silicon Laboratories SI52143 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Si52143
Rev 1.3
5
Table 2. AC Electrical Specification
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
250
ppm
Clock Input
Duty Cycle
TDC
Measured at VDD/2
45
55
%
CLKIN Rising and Falling Slew
Rate
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
Cycle to Cycle Jitter
TCCJ
Measured at VDD/2
250
ps
Long Term Jitter
TLTJ
Measured at VDD/2
350
ps
Input High Voltage
VIH
XIN/CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN/CLKIN pin
0.8
V
Input High Current
IIH
XIN/CLKIN pin, VIN = VDD
35
µA
Input Low Current
IIL
XIN/CLKIN pin, 0 < VIN <0.8
–35
µA
DIFF at 0.7 V
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Output-to-Output Skew
TSKEW
Measured at 0 V differential
50
ps
Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential
35
50
ps
PCIe Gen 1 Pk-Pk Jitter,
Common Clock
Pk-Pk
PCIe Gen 1
040
50ps
PCIe Gen 2 Phase Jitter,
Common Clock
RMSGEN2
10 kHz < F < 1.5 MHz
0
2
2.6
ps
1.5 MHz< F < Nyquist Rate
0
2
2.6
ps
PCIe Gen 3 Phase Jitter,
Common Clock
RMSGEN3
PLL BW of 2–4 or 2–5 MHz,
CDR = 10 MHz
00.5
0.9ps
PCIe Gen 3 Phase Jitter,
Separate Reference No
Spread, SRNS
RMSGEN3_SRNS
PLL BW of 2–4 or 2–5 MHz,
CDR = 10 MHz
0.35
0.64
ps
PCIe Gen 4 Phase Jitter,
Common Clock
RMSGEN4
PLL BW of 2–4 or 2–5 MHz,
CDR = 10 MHz
—0.5
0.9
ps
Long Term Accuracy
LACC
Measured at 0 V differential
100
ppm
Rising/Falling Slew Rate
TR / TF
Measured differentially from
±150 mV
1—
8
V/ns
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
Notes:
1. Visit www.pcisig.com for complete PCIe specifications.
2. Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5.
3. Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


Similar Part No. - SI52143

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52143 SKYWORKS-SI52143 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
logo
Silicon Laboratories
Si52143-A01AGM SILABS-Si52143-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52143-A01AGM SKYWORKS-SI52143-A01AGM Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
logo
Silicon Laboratories
Si52143-A01AGMR SILABS-Si52143-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52143-A01AGMR SKYWORKS-SI52143-A01AGMR Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
More results

Similar Description - SI52143

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52143 SKYWORKS-SI52143 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
SI52142 SKYWORKS-SI52142 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
logo
Silicon Laboratories
SI52142 SILABS-SI52142 Datasheet
187Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2 & GEN 3 CLOCK TWO OUTPUT GENERATOR WITH 25 MHZ REFERENCE CLOCK
logo
Skyworks Solutions Inc.
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com