Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX71K Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCX71K
Description  PNP Silicon AF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX71K Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCX71K Datasheet HTML 1Page - Infineon Technologies AG BCX71K Datasheet HTML 2Page - Infineon Technologies AG BCX71K Datasheet HTML 3Page - Infineon Technologies AG BCX71K Datasheet HTML 4Page - Infineon Technologies AG BCX71K Datasheet HTML 5Page - Infineon Technologies AG BCX71K Datasheet HTML 6Page - Infineon Technologies AG BCX71K Datasheet HTML 7Page - Infineon Technologies AG BCX71K Datasheet HTML 8Page - Infineon Technologies AG BCX71K Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BCW61, BCX71
3
Jul-10-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Collector cutoff current
VCB = 32 V, IE = 0
VCB = 45 V, IE = 0
BCW61/61FF
BCX71
ICBO
-
-
-
-
20
20
nA
Collector cutoff current
VCB = 32 V, IE = 0 , TA = 150 °C
VCB = 45 V, IE = 0 , TA = 150 °C
BCW61/61FF
BCX71
ICBO
-
-
-
-
20
20
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
20
nA
DC current gain 1)
IC = 10 µA, VCE = 5 V
hFE-grp. A/G
hFE-grp. B/H
hFE-grp. C/J/FF
hFE-grp. D/K/FN
hFE
20
30
40
100
140
200
300
460
-
-
-
-
-
DC current gain 1)
IC = 2 mA, VCE = 5 V
hFE-grp. A/G
hFE-grp. B/H
hFE-grp. C/J/FF
hFE-grp. D/K/FN
hFE
120
180
250
380
170
250
350
500
220
310
460
630
DC current gain 1)
IC = 50 mA, VCE = 1 V
hFE-grp. A/G
hFE-grp. B/H
hFE-grp. C/J/FF
hFE-grp. D/K/FN
hFE
60
80
100
110
-
-
-
-
-
-
-
-
1) Pulse test: t
≤=300µs, D = 2%


Similar Part No. - BCX71K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71K PHILIPS-BCX71K Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Continental Device Indi...
BCX71K CDIL-BCX71K Datasheet
88Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Samsung semiconductor
BCX71K SAMSUNG-BCX71K Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
BCX71K KEXIN-BCX71K Datasheet
1Mb / 2P
   PNP Transistors
logo
Siemens Semiconductor G...
BCX71K SIEMENS-BCX71K Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCX71K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com