Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2605EVM-BT Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DRV2605EVM-BT
Description  evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DRV2605EVM-BT Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DRV2605EVM-BT Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DRV2605EVM-BT Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
L1
A1
VIN
A2
EN
A3
GND
B1
ILIM0
B2
ILIM1
B3
L2
C1
PFM/PWM
C2
PG
C3
VOUT
D1
FB
D2
SS
D3
U4
TPS63051YFF
REG_VDD
10µF
C9
GND
GND
GND
10µF
C10
GND
VBQOUT
4.7µF
C4
GND
Yellow
D14
10.0k
R33
1.50k
R34
GND
0
R36
DNP
0
R37
VBQOUT
1000pF
C18
VBQOUT
47µF
C19
L1
LQM21PN1R0MC0D
www.ti.com
Hardware Overview
Figure 5. Buck-Boost Converter for Board Supply
7
SLOU391 – May 2014
DRV2605EVM-BT User's Guide
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - DRV2605EVM-BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2605 TI-DRV2605 Datasheet
672Kb / 6P
[Old version datasheet]   Haptic Driver for ERM and LRA with Built-In Library and Smart Loop Architecture
DRV2605L TI1-DRV2605L Datasheet
2Mb / 69P
[Old version datasheet]   DRV2605L 2 to 5.2 V Haptic Driver for LRA and ERM With Effect Library and Smart-Loop Architecture
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
DRV2605LDGSR TI1-DRV2605LDGSR Datasheet
2Mb / 69P
[Old version datasheet]   DRV2605L 2 to 5.2 V Haptic Driver for LRA and ERM With Effect Library and Smart-Loop Architecture
DRV2605LDGST TI1-DRV2605LDGST Datasheet
2Mb / 69P
[Old version datasheet]   DRV2605L 2 to 5.2 V Haptic Driver for LRA and ERM With Effect Library and Smart-Loop Architecture
More results

Similar Description - DRV2605EVM-BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2605 TI-DRV2605 Datasheet
672Kb / 6P
[Old version datasheet]   Haptic Driver for ERM and LRA with Built-In Library and Smart Loop Architecture
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com