Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-LAN9252 Datasheet(PDF) 11 Page - Microchip Technology

Part # EVB-LAN9252
Description  EVB-LAN9252-HBI-SPI-SQI-GPIO EtherCAT짰 HBI/SPIGPIO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-LAN9252 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EVB-LAN9252 Datasheet HTML 7Page - Microchip Technology EVB-LAN9252 Datasheet HTML 8Page - Microchip Technology EVB-LAN9252 Datasheet HTML 9Page - Microchip Technology EVB-LAN9252 Datasheet HTML 10Page - Microchip Technology EVB-LAN9252 Datasheet HTML 11Page - Microchip Technology EVB-LAN9252 Datasheet HTML 12Page - Microchip Technology EVB-LAN9252 Datasheet HTML 13Page - Microchip Technology EVB-LAN9252 Datasheet HTML 14Page - Microchip Technology EVB-LAN9252 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
EVB-LAN9252-HBI-SPI-SQI-GPIO
ETHERCAT® HBI/SPI+GPIO
USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002333A-page 11
Chapter 1. Overview
1.1
INTRODUCTION
The LAN9252 is a 2-port EtherCAT® Slave Controller (ESC) with dual integrated Ether-
net PHYs which each contain a full-duplex 100BASE-TX transceiver and support
100Mbps (100BASE-TX) operation. 100BASE-FX is supported via an external fiber
transceiver.
Each port receives an EtherCAT® frame, performs frame checking and forwards it to
the next port. Time stamps of received frames are generated when they are received.
The Loop-back function of each port forwards the frames to the next logical port if there
is either no link at a port, if the port is not available, or if the loop is closed for that port.
The Loop-back function of port 0 forwards the frames to the EtherCAT® Processing
Unit. The loop settings can be controlled by the EtherCAT® master.
Packets are forwarded in the following order:
Port 0 -> EtherCAT® Processing Unit -> Port 1 -> Port 2.
The EtherCAT® Processing Unit (EPU) receives, analyzes and processes the Ether-
CAT® data stream. The main purpose of the EtherCAT® Processing unit is to enable
and coordinate access to the internal registers and the memory space of the ESC,
which can be addressed both from the EtherCAT® master and from the local applica-
tion. Data exchange between master and slave applications is comparable to a
dual-ported memory (process memory), enhanced by special functions for consistency
checking (SyncManager) and data mapping (FMMU). Each FMMU performs bitwise
mapping of logical EtherCAT® system addresses to physical device addresses.
The scope of this document is to describe the EVB-LAN9252-HBI-SPI-SQI-GPIO
setup, which supports a HBI/SPI+GPIO Interface and corresponding jumper configura-
tions. The LAN9252 is connected to an RJ45 Ethernet jack with integrated magnetics
for 100BASE-TX connectivity. A simplified block diagram of the
EVB-LAN9252-HBI-SPI-SQI-GPIO is shown in Figure 1-1.


Similar Part No. - EVB-LAN9252

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EVB-LAN9252-DIG-IO MICROCHIP-EVB-LAN9252-DIG-IO Datasheet
1Mb / 37P
   EVB-LAN9252-DIG-IO EtherCAT짰 DIG I/O User?셲 Guide
03/25/14
More results

Similar Description - EVB-LAN9252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
Microchip Technology
EVB-LAN9252-DIG-IO MICROCHIP-EVB-LAN9252-DIG-IO Datasheet
1Mb / 37P
   EVB-LAN9252-DIG-IO EtherCAT짰 DIG I/O User?셲 Guide
03/25/14
logo
Exar Corporation
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
XRA1405 EXAR-XRA1405 Datasheet
439Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
logo
Microchip Technology
MCP2210 MICROCHIP-MCP2210 Datasheet
1Mb / 82P
   USB-to-SPI Protocol Converter with GPIO (Master Mode)
2011
logo
List of Unclassifed Man...
FZ800ED-GPIO-BUZZ ETC-FZ800ED-GPIO-BUZZ Datasheet
76Kb / 1P
   GPIO-BUZZ
FZ800ED-GPIO-FND ETC-FZ800ED-GPIO-FND Datasheet
80Kb / 1P
   GPIO-FND
FZ800ED-GPIO-LED ETC-FZ800ED-GPIO-LED Datasheet
78Kb / 1P
   GPIO-LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com