Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV05-09 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # HV05-09
Description  HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HV05-09 Datasheet(HTML) 1 Page - Frontier Electronics.

  HV05-09 Datasheet HTML 1Page - Frontier Electronics. HV05-09 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV05-08 THRU HV05-16 SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. TYPICAL IR LESS THAN 1uA
3. LOW FORWARD VOLTAGE DROP
4. HIGH SURGE CURRENT CAPABILITY
5. CASE: HV03 TRANSFER MOLDED
6. DIMENSIONS IN INCHES AND (MILLIMETERS)
7. POLARITY: INDICATED BY CATHODE BAND
8. WEIGHT: 2.8 GRAMS
9. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
10. PULLING TEST: 2.3 KG
11. RoHS
HV05-16
16000
11200
16000
15
HV05-14
14000
9800
14000
15
HV05-15
15000
10500
15000
15
HV05-10
10000
7000
10000
12
HV05-12
12000
8400
12000
12
HV05-08
8000
5600
8000
10
HV05-09
9000
6300
9000
10
MAXIMUM REVERSE CURRENT @ 25°C, VDC
IR
5
uA
1. MAXIMUM FORWARD VOLTAGE @ Io
PART NUMBER
MAX RECURRENT PK
REV VOLTAGE VRRM (V)
MAX RMS VOLTAGE VRMS (V)
MAX DC BLOCKING
VOLTAGE VDC (V)
MAX FWD VOLTAGE VF
(V)
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT @ TL=55°C
IO
0.55
A
PEAK FWD SURGE CURRENT, 8.3ms HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -40°C TO +130°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
RATINGS
SYMBOL
VALUE
UNITS
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0


Similar Part No. - HV05-09

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HV05-09 FRONTIER-HV05-09 Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
More results

Similar Description - HV05-09

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HV03-08 FRONTIER-HV03-08 Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08-LFR FRONTIER-HV03-08-LFR Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-08 FRONTIER-HV05-08 Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08 FRONTIER-HV03-08_16 Datasheet
1Mb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
FHV03-08 FRONTIER-FHV03-08 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12_V01 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-16 GETEDZ-CL01-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-09 GETEDZ-CL04-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-16 GETEDZ-CL04-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-09 GETEDZ-CL01-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com