Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMPU101-303 Datasheet(PDF) 1 Page - Total Power International

Part # TPMPU101-303
Description  100W Desk Top Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMPU101-303 Datasheet(HTML) 1 Page - Total Power International

  TPMPU101-303 Datasheet HTML 1Page - Total Power International TPMPU101-303 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage90to260VAC,47to63Hz
IEC-320-C14InputInlet
Singleto TripleOutput
Ultra-lowleakagecurrent(under0.1mA)
ActivePowerFactorCorrection
ON/OFFSWITCH(Optional)
ClassI
ANSI/AAMIES60601-1:2005(UL/cUL 3rdEdition)
EN60601-1:2006(TUV/T-mark3rdEdition)
InputtoOutput:2MOPP
3yearwarranty
ElectricalCharacteristics:
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
90~260VAC
-Medical TouchPanelPC
-PatientMonitoringSystem
-UltrasoundSystem
fin
PF
InputFrequency
PowerFactorCorrection
47~63Hz
0.95~1
100WDeskTopType
TPMPU101 SERIES
MedicalPowerSupplies
Po
Vo
Io
Iil
Iih
Ir
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=230VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
1.25A
0.5A
50A (max.)
100A (max.)
75~88%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
OA
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
Io=FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Operating Altitude
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
112~132%
110~150%
0.3~2S
16mS (min.)
0.5~1%
0.1mA (max.)
Upto3000m
1%(max.)
3~7%
4mS(max.)
Pno
Seeratingchart
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C
CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
Vpg
Ris
6932VDC (min.)
2121VDC (min.)
Primarytosecondary
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
Note: TheRipple&Noisewhichisunder3.3VDCat2%max.
RoHS
2002/95/EC
COMPLIANT
S
E
P
RT
EN 60601-1
IEC 60601-1
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPMPU101-303

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMPU12A TOTAL-POWER-TPMPU12A Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-102 TOTAL-POWER-TPMPU12A-102 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-103 TOTAL-POWER-TPMPU12A-103 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-104 TOTAL-POWER-TPMPU12A-104 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-105 TOTAL-POWER-TPMPU12A-105 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
More results

Similar Description - TPMPU101-303

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU100 TOTAL-POWER-TPSPU100 Datasheet
272Kb / 2P
   100W Desk Top Type I.T.E. Power Supplies
logo
MPS Industries, Inc.
MPU100 MPSIND-MPU100 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
HPU100 MPSIND-HPU100 Datasheet
421Kb / 2P
   100W Desk top type medical power supplies for health care applications
logo
Total Power Internation...
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU31 TOTAL-POWER-TPMPU31 Datasheet
271Kb / 2P
   30W Desk Top Type Medical Power Supplies
TPMPU130 TOTAL-POWER-TPMPU130 Datasheet
378Kb / 2P
   130W Desk Top Type Medical Power Supplies
TPMPU64 TOTAL-POWER-TPMPU64 Datasheet
251Kb / 2P
   63W Desk Top Type Medical Power Supplies
TPMPU16A TOTAL-POWER-TPMPU16A Datasheet
255Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com