Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53302 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI53302
Description  1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53302 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI53302 Datasheet HTML 1Page - Silicon Laboratories SI53302 Datasheet HTML 2Page - Silicon Laboratories SI53302 Datasheet HTML 3Page - Silicon Laboratories SI53302 Datasheet HTML 4Page - Silicon Laboratories SI53302 Datasheet HTML 5Page - Silicon Laboratories SI53302 Datasheet HTML 6Page - Silicon Laboratories SI53302 Datasheet HTML 7Page - Silicon Laboratories SI53302 Datasheet HTML 8Page - Silicon Laboratories SI53302 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. 1.1 9/14
Copyright © 2014 by Silicon Laboratories
Si53302
Si53302
1:10 L OW J ITTER U NIVERSAL B UFFER/L EVEL
TRANSLATOR WITH 2:1 I NPUT M UX
Features
Applications
Description
The Si53302 is an ultra low jitter ten output differential buffer with pin-selectable
output clock signal format and divider selection. The Si53302 features a 2:1 mux
with glitchless switching, making it ideal for redundant clocking applications. The
Si53302 utilizes Silicon Laboratories' advanced CMOS technology to fanout
clocks from 1 to 725 MHz with guaranteed low additive jitter, low skew, and low
propagation delay variability. The Si53302 features minimal cross-talk and
provides superior supply noise rejection, simplifying low jitter clock distribution in
noisy environments. Independent core and output bank supply pins provide
integrated level translation without the need for external circuitry.
Functional Block Diagram
10 differential or 20 LVCMOS outputs
Ultra-low additive jitter: 45 fs rms
Wide frequency range: 1 to 725 MHz
Any-format input with pin selectable
output formats: LVPECL, Low Power
LVPECL, LVDS, CML, HCSL,
LVCMOS
2:1 clock input mux
Glitchless input clock switching
Synchronous output enable
Output clock division: /1, /2, /4
Independent VDD and VDDO:
1.8/2.5/3.3 V
1.2/1.5 V LVCMOS output support
Excellent power supply noise
rejection (PSRR)
Selectable LVCMOS drive strength to
tailor jitter and EMI performance
Loss of signal (LOS) monitors for
loss of input clock
Small size: 44-QFN (7 mm x 7 mm)
RoHS compliant, Pb-free
Industrial temperature range:
–40 to +85 °C
High-speed clock distribution
Ethernet switch/router
Optical Transport Network (OTN)
SONET/SDH
PCI Express Gen 1/2/3
Storage
Telecom
Industrial
Servers
Backplane clock distribution
Vref
DivA
DivB
VDD
Power
Supply
Filtering
Vref
Generator
/Q0, /Q1, /Q2, /Q3, /Q4
CLK0
CLK0
LOS
Monitor
LOS0
/Q5, /Q6, /Q7, /Q8, /Q9
Q5, Q6, Q7, Q8, Q9
CLK1
CLK1
CLK_SEL
Switching
Logic
LOS1
VDDOA
SFOUTA[1:0]
OEA
DIVA
Q0, Q1, Q2, Q3, Q4
DIVB
VDDOB
SFOUTB[1:0]
OEB
Bank A
Bank B
Patents pending
Ordering Information:
See page 29.
Pin Assignments
GND 
PAD
27
26
25
24
23
29
28
30
32
31
33
7
8
9
10
11
5
6
4
2
3
1
CLK_SEL
Q0
Q0
Q1
Q1
Q2
Q2
Q7
Q7
Q8
Q8
Q9
Q9
GND
DIVA
SFOUTA[1]
SFOUTA[0]
DIVB
SFOUTB[1]
SFOUTB[0]
NC
NC
Si53302


Similar Part No. - SI53302

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53302-B-GM SKYWORKS-SI53302-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Similar Description - SI53302

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
logo
Silicon Laboratories
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Skyworks Solutions Inc.
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com