Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53301 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI53301
Description  1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53301 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI53301 Datasheet HTML 3Page - Silicon Laboratories SI53301 Datasheet HTML 4Page - Silicon Laboratories SI53301 Datasheet HTML 5Page - Silicon Laboratories SI53301 Datasheet HTML 6Page - Silicon Laboratories SI53301 Datasheet HTML 7Page - Silicon Laboratories SI53301 Datasheet HTML 8Page - Silicon Laboratories SI53301 Datasheet HTML 9Page - Silicon Laboratories SI53301 Datasheet HTML 10Page - Silicon Laboratories SI53301 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Si53301
Rev. 1.1
7
Minimum Input Clock
Slew Rate1
SR
Required to meet prop delay and
additive jitter specifications
(20–80%)
0.75
V/ns
Output Rise/Fall Time
TR/TF
LVDS, 20/80%
325
ps
LVPECL, 20/80%
350
ps
HCSL2, 20/80%
280
ps
CML, 20/80%
350
ps
Low-Power LVPECL, 20/80%
325
ps
LVCMOS 200 MHz, 20/80%,
2pF load
——
750
ps
Minimum Input Pulse
Width
TW
500
ps
Propagation Delay
TPLH,
TPHL
LVCMOS (12mA drive with no load)
1250
2000
2750
ps
LVPECL, LVDS
600
800
1000
ps
Output Enable Time
TEN
F=1MHz
2500
ns
F = 100 MHz
30
ns
F = 725 MHz
5
ns
Output Disable Time
TDIS
F=1MHz
2000
ns
F = 100 MHz
30
ns
F = 725 MHz
5
ns
Output to Output Skew3
TSK
LVCMOS (12 mA drive to no load)
50
120
ps
LVPECL
35
70
ps
LVDS
35
70
ps
Part to Part Skew4
TPS
Differential
150
ps
Table 10. AC Characteristics (Continued)
(VDD = VDDOX =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
When using the on-chip clock divider, a minimum input clock slew rate of 30 mV/ns is required.
2.
HCSL measurements were made with receiver termination. See Figure 9 on page 19.
3.
Output to Output skew specified for outputs with an identical configuration.
4.
Defined as skew between any output on different devices operating at the same supply voltage, temperature, and and
equal load condition. Using the same type of inputs on each device, the outputs are measured at the differential cross
points.
5.
Measured for 156.25 MHz carrier frequency. Sine-wave noise added to VDDOX (3.3 V = 100 mVPP) and noise spur
amplitude measured. See “AN491: Power Supply Rejection for Low-Jitter Clocks” for further details.


Similar Part No. - SI53301

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53301-B-GM SKYWORKS-SI53301-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
SI53301/4-EVB SKYWORKS-SI53301/4-EVB Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
SI53301/4-EVB SKYWORKS-SI53301/4-EVB Datasheet
2Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
SI53301/4-EVB SKYWORKS-SI53301/4-EVB Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
More results

Similar Description - SI53301

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
logo
Silicon Laboratories
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Skyworks Solutions Inc.
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Skyworks Solutions Inc.
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com