Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF998R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BF998R
Description  Silicon N-Channel MOSFET Tetrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF998R Datasheet(HTML) 3 Page - Infineon Technologies AG

  BF998R Datasheet HTML 1Page - Infineon Technologies AG BF998R Datasheet HTML 2Page - Infineon Technologies AG BF998R Datasheet HTML 3Page - Infineon Technologies AG BF998R Datasheet HTML 4Page - Infineon Technologies AG BF998R Datasheet HTML 5Page - Infineon Technologies AG BF998R Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Feb-13-2004
3
BF998...
Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Forward transconductance
VDS = 8 V, ID = 10 mA, VG2S = 4 V
gfs
20
24
-
-
Gate1 input capacitance
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 1 MHz
Cg1ss
-
2.1
2.5
pF
Gate 2 input capacitance
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 1 MHz
Cg2ss
-
1.2
-
pF
Feedback capacitance
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 1 MHz
Cdg1
-
25
-
fF
Output capacitance
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 1 MHz
Cdss
-
1.1
-
pF
Power gain
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 45 MHz
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 800 MHz
Gp
-
-
28
20
-
-
dB
Noise figure
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 45 MHz
VDS = 8 V, ID = 10 mA, VG2S = 4 V,
f
= 800 MHz
F
-
-
2.8
1.8
-
-
dB
Gain control range
VDS = 8 V, VG2S = 4 ...-2 V, f = 800 MHz
∆Gp
40
50
-


Similar Part No. - BF998R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF998R PHILIPS-BF998R Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
logo
Vishay Siliconix
BF998R VISHAY-BF998R Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
Siemens Semiconductor G...
BF998R SIEMENS-BF998R Datasheet
33Kb / 2P
   Silicon N-Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor)
logo
Vishay Siliconix
BF998R VISHAY-BF998R Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
logo
Infineon Technologies A...
BF998R INFINEON-BF998R Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
More results

Similar Description - BF998R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com