Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1005R Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BF1005R
Description  Silicon N-Channel MOSFET Tetrode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF1005R Datasheet(HTML) 4 Page - Infineon Technologies AG

  BF1005R Datasheet HTML 1Page - Infineon Technologies AG BF1005R Datasheet HTML 2Page - Infineon Technologies AG BF1005R Datasheet HTML 3Page - Infineon Technologies AG BF1005R Datasheet HTML 4Page - Infineon Technologies AG BF1005R Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb-18-2004
4
BF1005...
Total power dissipation Ptot = ƒ(TS)
BF1005, BF1005R
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mW
220
Total power dissipation Ptot = ƒ(TS)
BF1005W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mA
220
Drain current ID = ƒ(VG2S)
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VG2S
0
1
2
3
4
5
6
7
8
9
10
mA
12
Insertion power gain
|S21|² = ƒ(VG2S)
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VG2S
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
dB
10


Similar Part No. - BF1005R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1005R INFINEON-BF1005R Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
More results

Similar Description - BF1005R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com