Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53315 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI53315
Description  1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53315 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI53315 Datasheet HTML 1Page - Silicon Laboratories SI53315 Datasheet HTML 2Page - Silicon Laboratories SI53315 Datasheet HTML 3Page - Silicon Laboratories SI53315 Datasheet HTML 4Page - Silicon Laboratories SI53315 Datasheet HTML 5Page - Silicon Laboratories SI53315 Datasheet HTML 6Page - Silicon Laboratories SI53315 Datasheet HTML 7Page - Silicon Laboratories SI53315 Datasheet HTML 8Page - Silicon Laboratories SI53315 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Si53315
Preliminary Rev. 0.4
5
Table 4. DC Characteristics—LVPECL and Low Power LVPECL
(VDD = 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage High
VOH
RL =50 Ω to VDDOX – 2 V
VDDOX
1.145
—VDDOX
0.895
V
Output Voltage Low
VOL
RL =50 Ω to VDDOX – 2 V
VDDOX
1.945
—VDDOX
1.695
V
Output DC Common
Mode Voltage
VCOM
VDDOX
1.895
—VDDOX
1.425
V
Single-Ended
Output Swing
VSE
Terminate unused outputs to
RL =50 Ω to VDDOX – 2 V
0.25
0.60
0.85
V
Table 5. DC Characteristics—CML
(VDD =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA =–40 to 85 C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Single-Ended Output
Swing
VSE
Terminated as shown in Figure 6
(CML termination).
300
400
500
mV
Table 6. DC Characteristics—LVDS
(VDD =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA =–40 to 85 C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Single-Ended Output
Swing
VSE
RL =100 Ω across QN and QN
247
454
mV
Output Common
Mode Voltage
(VDDO =2.5 V or
3.3 V)
VCOM1
VDDOX = 2.38 to 2.63 V, 2.97 to
3.63 V, RL =100 Ω across QN
and QN
1.10
1.25
1.35
V
Output Common
Mode Voltage
(VDDO =1.8 V)
VCOM2
VDDOX = 1.71 to 1.89 V,
RL =100 Ω across QN
and QN
0.85
0.97
1.10
V


Similar Part No. - SI53315

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
SI53315-B-GM SKYWORKS-SI53315-B-GM Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
More results

Similar Description - SI53315

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53314 SILABS-SI53314 Datasheet
1Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com