Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE913 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE913_15 Datasheet HTML 1Page - Texas Instruments CDCE913_15 Datasheet HTML 2Page - Texas Instruments CDCE913_15 Datasheet HTML 3Page - Texas Instruments CDCE913_15 Datasheet HTML 4Page - Texas Instruments CDCE913_15 Datasheet HTML 5Page - Texas Instruments CDCE913_15 Datasheet HTML 6Page - Texas Instruments CDCE913_15 Datasheet HTML 7Page - Texas Instruments CDCE913_15 Datasheet HTML 8Page - Texas Instruments CDCE913_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CDCE(L)9xx
Clock
Ethernet
PHY
USB
Controller
WiFi
FPGA
25
MHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
CDCE913, CDCEL913
SCAS849F – JUNE 2007 – REVISED APRIL 2015
CDCEx913 Programmable 1-PLL VCXO Clock Synthesizer
With 1.8-V, 2.5-V, and 3.3-V Outputs
1 Features
3 Description
The CDCE913 and CDCEL913 devices are modular
1
Member of Programmable Clock Generator
PLL-based,
low-cost,
high-performance,
Family
programmable clock synthesizers. They generate up
CDCE913/CDCEL913: 1-PLL, 3 Outputs
to three output clocks from a single input frequency.
CDCE925/CDCEL925: 2-PLL, 5 Outputs
Each output can be programmed in-system for any
clock frequency up to 230 MHz, using the integrated
CDCE937/CDCEL937: 3-PLL, 7 Outputs
configurable PLL.
CDCE949/CDCEL949: 4-PLL, 9 Outputs
The CDCx913 has separate output supply pins,
In-System Programmability and EEPROM
VDDOUT, which is 1.8 V for CDCEL913 and 2.5 V to
Serial Programmable Volatile Register
3.3 V for CDCE913.
Nonvolatile EEPROM to Store Customer
The input accepts an external crystal or LVCMOS
Settings
clock signal. A selectable on-chip VCXO allows
Flexible Input Clocking Concept
synchronization of the output frequency to an external
control signal.
External Crystal: 8 MHz to 32 MHz
On-Chip VCXO: Pull Range ±150 ppm
The PLL supports SSC (spread-spectrum clocking)
for
better
electromagnetic
interference
(EMI)
Single-Ended LVCMOS up to 160 MHz
performance.
Free Selectable Output Frequency up to 230 MHz
The
device
supports
nonvolatile
EEPROM
Low-Noise PLL Core
programming for easy customization of the device to
PLL Loop Filter Components Integrated
the application. All device settings are programmable
Low Period Jitter (Typical 50 ps)
through the SDA/SCL bus, a 2-wire serial interface.
Separate Output Supply Pins
The CDCx913 operates in a 1.8-V environment. It
CDCE913: 3.3 V and 2.5 V
operates in a temperature range of –40°C to 85°C.
CDCEL913: 1.8 V
Device Information(1)
Flexible Clock Driver
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Three User-Definable Control Inputs
CDCE913
TSSOP (14)
5.00 mm × 4.40 mm
[S0/S1/S2], for Example, SSC Selection,
CDCEL913
Frequency Switching, Output Enable, or Power
(1) For all available packages, see the orderable addendum at
Down
the end of the data sheet.
Generates Highly Accurate Clocks for Video,
Audio, USB, IEEE1394, RFID, Bluetooth®,
Typical Application Schematic
WLAN, Ethernet, and GPS
Generates Common Clock Frequencies Used
With TI-DaVinci™, OMAP™, DSPs
Programmable SSC Modulation
Enables 0-PPM Clock Generation
1.8-V Device Power Supply
Wide Temperature Range –40°C to 85°C
Packaged in TSSOP
Development and Programming Kit for Easy PLL
Design and Programming (TI Pro-Clock™)
2 Applications
D-TVs,
STBs,
IP-STBs,
DVD
Players,
DVD
Recorders, and Printers
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDCE913_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results

Similar Description - CDCE913_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com