Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI88243BD-IS Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI88243BD-IS
Description  QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI88243BD-IS Datasheet(HTML) 4 Page - Silicon Laboratories

  SI88243BD-IS Datasheet HTML 1Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 2Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 3Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 4Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 5Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 6Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 7Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 8Page - Silicon Laboratories SI88243BD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Si88x4x
4
Preliminary Rev. 0.6
Output Voltage
Accuracy2
See Figure 2
ILOAD = 0 mA
–5
+5
%
Line Regulation
VOUT(line)/V
DDP
See Figure 2
ILOAD = 50 mA
VDDP varies from 4.5 to 5.5 V
1mV/V
Load Regulation
VOUT(load)/V
OUT
See Figure 2
ILOAD = 50 to 400 mA
0.1
%
Output Voltage Ripple
Si8824x, Si8834x
Si8844x, Si8864x
ILOAD = 100 mA
See Figure 2
See Figure 3
100
mV p-p
Turn-on overshoot
VOUT(start)
See Figure 2
CIN = COUT = 0.1
μF in
parallel with 10
μF,
ILOAD = 0 A
2%
Continuous Output Current
Si8824x, Si8834x
5.0 V to 5.0 V
3.3 V to 3.3 V
3.3 V to 5.0 V
5.0 V to 3.3 V
Si8844x, Si8864x
24.0 to 5.0 V
24.0 to 3.0 V
ILOAD(max)
See Figure 2
See Figure 3
400
400
250
550
1000
1500
mA
Cycle-by-cycle average
current limit
Si8824x, Si8834x
ILIM
See Figure 2
Output short circuited
3A
No Load Supply Current
IDDP
Si8824x, Si8834x
IDDPQ_DCDC3
See Figure 2
VDDP = VDDA = 5 V
30
mA
No Load Supply Current
IDDA
Si8824x, Si8834x
IDDAQ_DCDC4
See Figure 2
VDDP = VDDA = 5 V
5.7
mA
Table 2. Electrical Characteristics1 (Continued)
VIN =24 V; VDDA = 4.3 V (see Figure 3) for all Si8844x/64x; VDDA =VDDP = 3.0 to 5.5 V (see Figure 2) for all Si8824x/34x;
TA = –40 to 125 °C unless otherwise noted
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Over recommended operating conditions as noted in Table 1.
2. VOUT = VSNS x (1 + R1/R2) + R1 x Ioffset
3. VDDP current needed for dc-dc circuits.
4. VDDA current needed for dc-dc circuits.
5. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
6. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
7. Start-up time is the time period from when the UVLO threshold is exceeded to valid data at the output.


Similar Part No. - SI88243BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI88243BD-IS SKYWORKS-SI88243BD-IS Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results

Similar Description - SI88243BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
logo
Silicon Laboratories
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
   DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com