Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG19S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFG19S
Description  NPN Silicon RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFG19S Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFG19S Datasheet HTML 1Page - Infineon Technologies AG BFG19S Datasheet HTML 2Page - Infineon Technologies AG BFG19S Datasheet HTML 3Page - Infineon Technologies AG BFG19S Datasheet HTML 4Page - Infineon Technologies AG BFG19S Datasheet HTML 5Page - Infineon Technologies AG BFG19S Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BFG 19S
Oct-26-1999
1
NPN Silicon RF Transistor
 For low noise, low distortion broadband
amplifiers in antenna and
telecommunication systems up to 1.5 GHz
at collector currents from 10 mA to 70 mA
VPS05163
1
2
3
4
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFG 19S
BFG19S
1 = E
2 = B
3 = E
4 = C
SOT-223
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
15
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
3
Collector current
IC
100
mA
Base current
IB
12
Total power dissipation
, TS  75 °C 1)
Ptot
1
W
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point
RthJS
 75
K/W
1TS is measured on the collector lead at the soldering point to the pcb


Similar Part No. - BFG19S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
logo
Infineon Technologies A...
BFG19S INFINEON-BFG19S Datasheet
512Kb / 6P
   NPN Silicon RF Transistor
2008-07-10
BFG19S INFINEON-BFG19S_08 Datasheet
512Kb / 6P
   NPN Silicon RF Transistor
2008-07-10
More results

Similar Description - BFG19S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com