Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM7005ZVAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005ZVAR
Description  3.3-V High Performance Clock Synchronizer and Jitter Cleaner
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005ZVAR Datasheet(HTML) 2 Page - Texas Instruments

  CDCM7005ZVAR Datasheet HTML 1Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 2Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 3Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 4Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 5Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 6Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 7Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 8Page - Texas Instruments CDCM7005ZVAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
CDCM7005
SCAS793F – JUNE 2005 – REVISED JULY 2015
www.ti.com
Table of Contents
9.2
Functional Block Diagram ....................................... 16
1
Features .................................................................. 1
9.3
Feature Description................................................. 16
2
Applications ........................................................... 1
9.4
Device Functional Modes........................................ 24
3
Description ............................................................. 1
9.5
Programming........................................................... 25
4
Revision History..................................................... 2
10
Application and Implementation........................ 34
5
Description (continued)......................................... 4
10.1
Application Information.......................................... 34
6
Pin Configuration and Functions ......................... 4
10.2
Typical Application ............................................... 37
7
Specifications......................................................... 7
11
Power Supply Recommendations ..................... 40
7.1
Absolute Maximum Ratings ...................................... 7
12
Layout................................................................... 40
7.2
ESD Ratings.............................................................. 7
12.1
Layout Guidelines ................................................. 40
7.3
Recommended Operating Conditions ....................... 7
12.2
Layout Example .................................................... 41
7.4
Thermal Information .................................................. 8
13
Device and Documentation Support ................. 43
7.5
Electrical Characteristics........................................... 8
13.1
Community Resources.......................................... 43
7.6
Timing Requirements .............................................. 10
13.2
Trademarks ........................................................... 43
7.7
Typical Characteristics ............................................ 11
13.3
Electrostatic Discharge Caution ............................ 43
8
Parameter Measurement Information ................ 12
13.4
Glossary ................................................................ 43
9
Detailed Description ............................................ 15
14
Mechanical, Packaging, and Orderable
9.1
Overview ................................................................. 15
Information ........................................................... 43
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (February 2013) to Revision F
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision D (August 2009) to Revision E
Page
Changed PLL_LOCK pin description, replaced cycle-slip text. .............................................................................................. 5
Changed the Frequency Hold-Over Mode section ............................................................................................................... 22
Changed text From: Cycle-Slip To: Frequency Offset in Figure 21 ..................................................................................... 23
Changed Note 1 of table Word 3.......................................................................................................................................... 29
Changed table Word 3, Cycle Slip (Bit 6) To: Frequency Offset.......................................................................................... 29
Changed table Lock-Detect Window (Word 3) - Clip slip To: Frequency offset, and Note 2 ............................................... 32
Changes from Revision C (December 2007) to Revision D
Page
Added text to the CTRL_CLK pin - Unused or floating inputs must be tied to proper logic level. A 20k
Ω or larger
pull
−up resistor to VCC is recommended. ............................................................................................................................. 4
Added text to the CTRL_DATA pin - Unused or floating inputs must be tied to proper logic level. A 20k
Ω or larger
pull
−up resistor to VCC is recommended. ............................................................................................................................. 4
Added text to the CTRL_LE pin - Unused or floating inputs must be tied to proper logic level. A 20k
Ω or larger
pull
−up resistor to VCC is recommended. ............................................................................................................................. 4
Added text to the PD pin - It is recommended to ramp up the PD with the same time as VCC and AVCC or later. The
ramp up rate of the PD should not be faster than the ramp up rate of VCC and AVCC. .......................................................... 5
Changed VCC pin text From: 3.3-V supply. There is no internal connection between VCC and AVCC. It is
recommended that AVCC use its own supply filter. To: 3.3-V supply. VCC and AVCC should always have the same
supply voltage. It is recommended that AVCC use its own supply filter. ................................................................................. 6
Added text to the SPI CONTROL INTERFACE section - Unused or floating inputs must be tied to proper logic level.
2
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: CDCM7005


Similar Part No. - CDCM7005ZVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005ZVAR TI-CDCM7005ZVAR Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVAR TI-CDCM7005ZVAR Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

Similar Description - CDCM7005ZVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com