Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCP1803RGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803RGET
Description  1:3 LVPECL CLOCK BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCP1803RGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCP1803RGET Datasheet HTML 2Page - Texas Instruments CDCP1803RGET Datasheet HTML 3Page - Texas Instruments CDCP1803RGET Datasheet HTML 4Page - Texas Instruments CDCP1803RGET Datasheet HTML 5Page - Texas Instruments CDCP1803RGET Datasheet HTML 6Page - Texas Instruments CDCP1803RGET Datasheet HTML 7Page - Texas Instruments CDCP1803RGET Datasheet HTML 8Page - Texas Instruments CDCP1803RGET Datasheet HTML 9Page - Texas Instruments CDCP1803RGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CDCP1803
SCAS727F – NOVEMBER 2003 – REVISED DECEMBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)
(1)
VDD
Supply voltage
–0.3 V to 3.8 V
VI
Input voltage
–0.2 V to (VDD + 0.2 V)
VO
Output voltage
–0.2 V to (VDD + 0.2 V)
Differential short-circuit current, Yn, Yn, IOSD
Continuous
Electrostatic discharge (HBM 1.5 k
Ω, 100 pF), ESD
>2000 V
Moisture level 24-terminal QFN package (solder reflow temperature of 235°C) MSL
2
Tstg
Storage temperature
–65°C to 150°C
TJ
Maximum junction temperature
125°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
–40
85
°C
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
LVPECL INPUT IN, IN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Input frequency
0
800
MHz
VCM
High-level input common mode
1
VDD – 0.3
V
Input voltage swing between IN and IN (1)
500
1300
VIN
mV
Input voltage swing between IN and IN (2)
125
1300
IIN
Input current
VI = VDD or 0 V
±10
μA
RIN
Input impedance
300
k
CI
Input capacitance at IN, IN
1
pF
(1)
Is required to maintain ac specifications
(2)
Is required to maintain device functionality
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links :CDCP1803


Similar Part No. - CDCP1803RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803MRGETEP TI1-CDCP1803MRGETEP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results

Similar Description - CDCP1803RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
   LVPECL Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504D2 PERICOM-PI6C4911504D2 Datasheet
1Mb / 14P
   LVPECL Clock Buffer
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com