Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM555CMX Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMX
Description  Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555CMX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM555CMX Datasheet HTML 2Page - Texas Instruments LM555CMX Datasheet HTML 3Page - Texas Instruments LM555CMX Datasheet HTML 4Page - Texas Instruments LM555CMX Datasheet HTML 5Page - Texas Instruments LM555CMX Datasheet HTML 6Page - Texas Instruments LM555CMX Datasheet HTML 7Page - Texas Instruments LM555CMX Datasheet HTML 8Page - Texas Instruments LM555CMX Datasheet HTML 9Page - Texas Instruments LM555CMX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM555
SNAS548D – FEBRUARY 2000 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
(TA = 25°C, VCC = 5 V to 15 V, unless otherwise specified)
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Drop (High)
ISOURCE = 200 mA, VCC = 15 V
12.5
V
ISOURCE = 100 mA, VCC = 15 V
12.75
13.3
V
VCC = 5 V
2.75
3.3
V
Rise Time of Output
100
ns
Fall Time of Output
100
ns
6.6 Typical Characteristics
Figure 2. Supply Current vs. Supply Voltage
Figure 1. Minimum Pulse Width Required For Triggering
Figure 4. Low Output Voltage vs. Output Sink Current
Figure 3. High Output Voltage vs. Output Source Current
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM555


Similar Part No. - LM555CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555CMX NSC-LM555CMX Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555CMX TI-LM555CMX Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
logo
Fairchild Semiconductor
LM555CMX FAIRCHILD-LM555CMX Datasheet
282Kb / 13P
   Single Timer
logo
ON Semiconductor
LM555CMX ONSEMI-LM555CMX Datasheet
473Kb / 15P
   Single Timer
January 2013 Rev. 1.1.0
logo
Texas Instruments
LM555CMX/NOPB TI-LM555CMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - LM555CMX

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com