Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP08SI-1H Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL23EP08SI-1H
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SI-1H Datasheet(HTML) 1 Page - Silicon Laboratories

  SL23EP08SI-1H Datasheet HTML 1Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 2Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 3Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 4Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 5Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 6Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 7Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 8Page - Silicon Laboratories SL23EP08SI-1H Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 1.0, May 18, 2006
Page 1 of 15
2400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
SL23EP08
Key Features
• 10 to 220 MHz operating frequency range
• Low output clock skew: 45ps-typ
• Low output clock jitter:
 25 ps-typ cycle-to-cycle jitter
 15 ps-typ period jitter
• Low part-to-part output skew: 90 ps-typ
• Wide 2.5 V to 3.3 V power supply range
• Low power dissipation:
 20 mA-max at 66 MHz and VDD=3.3 V
 18 mA-max at 66 MHz and VDD=2.5V
• One input drives 8 outputs
• Multiple configurations and drive options
• Select mode to bypass PLL or tri-state outputs
• SpreadThru™ PLL that allows use of SSCG
• Available in 16-pin SOIC and TSSOP packages
• Available in Commercial and Industrial grades
Applications
• Printers, MFPs and Digital Copiers
• PCs and Work Stations
• Routers, Switchers and Servers
• Datacom and Telecom
• High-SpeedDigital Embeded Systems
Description
The SL23EP08 is a low skew, low jitter and low power Zero
Delay Buffer (ZDB) designed to produce up to nine (9) clock
outputs from one (1) reference input clock, for high speed
clock distribution applications.
The product has an on-chip PLL and a feedback pin (FBK)
which can be used to obtain feedback from any one of the
output clocks. The SL23EP08 has two (2) clock driver banks
each with four (4) clock outputs. These outputs are controlled
by two (2) select input pins S1 and S2. When only four (4)
outputs are needed, four (4) bank-B output clock buffers can
be tri-stated to reduce power dissipation and jitter. The select
inputs can also be used to tri-state both banks A and B or
drive them directly from the input bypassing the PLL and
making the product behave like a Non-Zero Delay Buffer
(NZDB). The product also offers various 1X, 2X and 4X
frequency options at the output clocks. Refer to the “Product
Configuration Table” for the details.
The high-drive version operates up to 220MHz and 200MHz at
3.3V and 2.5V power supplies respectively.
Benefits
• Up to eight (8) distribution of input clock
• Standard and High-Dirive levels to control impedance
level, frequency range and EMI
• Low power dissipation, jitter and skew
• Low cost
Block Diagram
Low Power and
Low Jitter
PLL
MUX
Input Selection
Decoding Logic
VDD
GND
2
2
S2
S1
CLKIN
FBK
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
/2
/2
/2
(Divider for -3 and -4 only)
(Divider for -5H only)
(Divider for -2 and -3 only)
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer (ZDB)


Similar Part No. - SL23EP08SI-1H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP08SI-1H SPECTRALINEAR-SL23EP08SI-1H Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SI-1HT SPECTRALINEAR-SL23EP08SI-1HT Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL23EP08SI-1H

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com