Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK00338RTAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00338RTAT
Description  8-Output Differential Clock Buffer/Level Translator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00338RTAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK00338RTAT Datasheet HTML 3Page - Texas Instruments LMK00338RTAT Datasheet HTML 4Page - Texas Instruments LMK00338RTAT Datasheet HTML 5Page - Texas Instruments LMK00338RTAT Datasheet HTML 6Page - Texas Instruments LMK00338RTAT Datasheet HTML 7Page - Texas Instruments LMK00338RTAT Datasheet HTML 8Page - Texas Instruments LMK00338RTAT Datasheet HTML 9Page - Texas Instruments LMK00338RTAT Datasheet HTML 10Page - Texas Instruments LMK00338RTAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LMK00338
www.ti.com
SNAS636A – DECEMBER 2013 – REVISED OCTOBER 2014
Electrical Characteristics (continued)
Unless otherwise specified: Vcc = 3.3 V ± 5%, Vcco = 3.3 V ± 5%, 2.5 V ± 5%, -40 °C
≤ TA ≤ 85 °C, CLKin driven
differentially, input slew rate
≥ 3 V/ns. Typical values represent most likely parametric norms at Vcc = 3.3 V, Vcco = 3.3 V, TA
= 25 °C, and at the Recommended Operation Conditions at the time of product characterization and are not ensured.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLKin0 = 100 MHz
-84
fCLKin0 = 200 MHz
-82
fOFFSET > 50 kHz,
ISOMUX
Mux Isolation, CLKin0 to CLKin1
dBc
PCLKinX = 0 dBm
fCLKin0 = 500 MHz
-71
fCLKin0 = 1000 MHz
-65
CRYSTAL INTERFACE (OSCin, OSCout)
FCLK
External Clock Frequency Range(5)
OSCin driven single-ended, OSCout floating
250
MHz
Fundamental mode crystal ESR
≤ 200 Ω (10
FXTAL
Crystal Frequency Range
10
40
MHz
to 30 MHz) ESR
≤ 125 Ω (30 to 40 MHz)(8)
CIN
OSCin Input Capacitance
1
pF
HCSL OUTPUTS (CLKoutAn/CLKoutAn*, CLKoutBn/CLKoutBn*)
fCLKout
Output Frequency Range(5)
RL = 50 Ω to GND, CL ≤ 5 pF
DC
400
MHz
PCIe Gen 3,
Additive RMS Phase Jitter for PCIe
CLKin: 100 MHz,
JitterADD_PCle
PLL BW = 2–5 MHz,
0.03
0.15
ps
3.0(5)
Slew rate
≥ 0.6 V/ns
CDR = 10 MHz
CLKin: 100 MHz,
77
Slew rate
≥ 3 V/ns
Additive RMS Jitter Integration
Vcco = 3.3 V,
JitterADD
fs
Bandwidth to 20 MHz(9)(10)
RT = 50
Ω to GND
CLKin: 156.25 MHz,
86
Slew rate
≥ 2.7 V/ns
CLKin: 100 MHz,
-161.3
Slew rate
≥ 3 V/ns
Vcco = 3.3 V,
Noise Floor
Noise Floor fOFFSET ≥ 10 MHz
(9) (10)
dBc/Hz
RT = 50
Ω to GND
CLKin: 156.25 MHz,
-156.3
Slew rate
≥ 2.7 V/ns
DUTY
Duty Cycle(5)
50% input clock duty cycle
45%
55%
520
810
920
mV
VOH
Output High Voltage
TA = 25 °C, DC Measurement,
RT = 50 Ω to GND
-150
0.5
150
mV
VOL
Output Low Voltage
160
350
460
mV
VCROSS
Absolute Crossing Voltage(5)(11)
RL = 50 Ω to GND,
CL ≤ 5 pF
140
mV
ΔVCROSS
Total Variation of VCROSS
tR
Output Rise Time 20% to 80%(11)(7)
250 MHz, Uniform transmission line up to 10
300
500
ps
in.
with 50-
Ω characteristic impedance,
tF
Output Fall Time 80% to 20%(11)(7)
300
500
ps
RL = 50
Ω to GND, CL ≤ 5 pF
(8)
The ESR requirements stated must be met to ensure that the oscillator circuitry has no startup issues. However, lower ESR values for
the crystal may be necessary to stay below the maximum power dissipation (drive level) specification of the crystal. Refer to Crystal
Interface for crystal drive level considerations.
(9)
The noise floor of the output buffer is measured as the far-out phase noise of the buffer. Typically this offset is
≥ 10 MHz, but for lower
frequencies this measurement offset can be as low as 5 MHz due to measurement equipment limitations.
(10) Phase noise floor will degrade as the clock input slew rate is reduced. Compared to a single-ended clock, a differential clock input
(LVPECL, LVDS) will be less susceptible to degradation in noise floor at lower slew rates due to its common mode noise rejection.
However, it is recommended to use the highest possible input slew rate for differential clocks to achieve optimal noise floor performance
at the device outputs.
(11) AC timing parameters for HCSL or CMOS are dependent on output capacitive loading.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMK00338


Similar Part No. - LMK00338RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338RTAT TI1-LMK00338RTAT Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
More results

Similar Description - LMK00338RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338 TI1-LMK00338 Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 4-Output Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_13 Datasheet
2Mb / 35P
[Old version datasheet]   LMK00301 3-GHz 10-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
[Old version datasheet]   3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301 Datasheet
1Mb / 26P
[Old version datasheet]   3-GHz, 10-Output Differential Fanout Buffer / Level Translator
November 1, 2011
LMK00306 TI1-LMK00306_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com