Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61E2-100M00SIAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E2-100M00SIAT
Description  High-Performance Ultra-Low Jitter Oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2-100M00SIAT Datasheet(HTML) 2 Page - Texas Instruments

  LMK61E2-100M00SIAT Datasheet HTML 1Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 2Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 3Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 4Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 5Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 6Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 7Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 8Page - Texas Instruments LMK61E2-100M00SIAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
SNAS676A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
6.13
PLL Clock Output Jitter Characteristics .................. 6
1
Features .................................................................. 1
6.14
Typical 156.25 MHz Output Phase Noise
2
Applications ........................................................... 1
Characteristics ........................................................... 6
3
Description ............................................................. 1
6.15
Additional Reliability and Qualification .................... 7
4
Revision History..................................................... 2
6.16
Typical Performance Characteristics ...................... 8
5
Pin Configuration and Functions ......................... 3
7
Parameter Measurement Information .................. 9
6
Specifications......................................................... 3
7.1
Device Output Configurations ................................... 9
6.1
Absolute Maximum Ratings ...................................... 3
8
Power Supply Recommendations ...................... 12
6.2
ESD Ratings ............................................................ 3
9
Layout ................................................................... 13
6.3
Recommended Operating Conditions ....................... 3
9.1
Layout Guidelines ................................................... 13
6.4
Thermal Information .................................................. 4
10
Device and Documentation Support ................. 15
6.5
Electrical Characteristics - Power Supply ................. 4
10.1
Related Links ........................................................ 15
6.6
LVPECL Output Characteristics................................ 4
10.2
Community Resources.......................................... 15
6.7
LVDS Output Characteristics .................................... 5
10.3
Trademarks ........................................................... 15
6.8
HCSL Output Characteristics .................................... 5
10.4
Electrostatic Discharge Caution ............................ 15
6.9
OE Input Characteristics ........................................... 5
10.5
Glossary ................................................................ 15
6.10
Frequency Tolerance Characteristics ..................... 6
11
Mechanical, Packaging, and Orderable
6.11
Power-On/Reset Characteristics (VDD).................. 6
Information ........................................................... 15
6.12
PSRR Characteristics ............................................. 6
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (October 2015) to Revision A
Page
Product Preview to Production Data Datasheet .................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-100M LMK61A2-
125M LMK61A2-156M LMK61A2-312M LMK61I2-100M


Similar Part No. - LMK61E2-100M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-100M00SIAT TI1-LMK61E2-100M00SIAT Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00SIAT TI1-LMK61E2-100M00SIAT Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00SIAT TI1-LMK61E2-100M00SIAT Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E2-100M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com