Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03806BISQX Datasheet(PDF) 10 Page - Texas Instruments

Part # LMK03806BISQX
Description  Ultra Low Jitter Clock Generator With 14 Programmable Outputs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03806BISQX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK03806BISQX Datasheet HTML 6Page - Texas Instruments LMK03806BISQX Datasheet HTML 7Page - Texas Instruments LMK03806BISQX Datasheet HTML 8Page - Texas Instruments LMK03806BISQX Datasheet HTML 9Page - Texas Instruments LMK03806BISQX Datasheet HTML 10Page - Texas Instruments LMK03806BISQX Datasheet HTML 11Page - Texas Instruments LMK03806BISQX Datasheet HTML 12Page - Texas Instruments LMK03806BISQX Datasheet HTML 13Page - Texas Instruments LMK03806BISQX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
LMK03806
SNAS522I – SEPTEMBER 2011 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
3.15 V
≤ VCC ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Junction Temperature TJ ≤ 125 °C.
Typical values represent most likely parametric norms at VCC = 3.3 V, TA = 25 °C, at Recommended Operating Conditions at
the time of product characterization and are not ensured.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
10 kHz
–129
dBc/Hz
100 kHz
–137
dBc/Hz
1 MHz
–156
dBc/Hz
100 MHz (LVDS/LVPECL)(9)
10 MHz (LVDS)
–158
dBc/Hz
20 MHz (LVDS)
–159
dBc/Hz
10 MHz (LVPECL)
–160
dBc/Hz
20 MHz (LVPECL)
–161
dBc/Hz
10 kHz
–124
dBc/Hz
100 kHz
–137
dBc/Hz
1 MHz
–156
dBc/Hz
106.25 MHz (LVDS/LVPECL)(10)
10 MHz (LVDS)
–158
dBc/Hz
20 MHz (LVDS)
–159
dBc/Hz
10 MHz (LVPECL)
–160
dBc/Hz
20 MHz (LVPECL)
–161
dBc/Hz
10 kHz
–125
dBc/Hz
100 kHz
–132
dBc/Hz
1 MHz
–153
dBc/Hz
Crystal mode
156.25 MHz (LVDS/LVPECL)(9)
10 MHz (LVDS)
–158
dBc/Hz
phase noise
20 MHz (LVDS)
–159
dBc/Hz
10 MHz (LVPECL)
–160
dBc/Hz
20 MHz (LVPECL)
–160
dBc/Hz
10 kHz
–119
dBc/Hz
100 kHz
–126
dBc/Hz
1 MHz
–147
dBc/Hz
312.5 MHz (LVDS/LVPECL)(9)
10 MHz (LVDS)
–153
dBc/Hz
20 MHz (LVDS)
–154
dBc/Hz
10 MHz (LVPECL)
–156
dBc/Hz
20 MHz (LVPECL)
–157
dBc/Hz
10 kHz
–110
dBc/Hz
100 kHz
–120
dBc/Hz
1 MHz
–140
dBc/Hz
622.08 MHz (LVDS/LVPECL)(11)
10 MHz (LVDS)
–153
dBc/Hz
20 MHz (LVDS)
–153
dBc/Hz
10 MHz (LVPECL)
–154
dBc/Hz
20 MHz (LVPECL)
–154
dBc/Hz
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMK03806


Similar Part No. - LMK03806BISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03806BISQX TI-LMK03806BISQX Datasheet
489Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806BISQX TI1-LMK03806BISQX Datasheet
465Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
More results

Similar Description - LMK03806BISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806 TI-LMK03806 Datasheet
489Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com