Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61E2-125M00SIAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E2-125M00SIAR
Description  High-Performance Ultra-Low Jitter Oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2-125M00SIAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK61E2-125M00SIAR Datasheet HTML 5Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 6Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 7Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 8Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 9Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 10Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 11Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 12Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LMK61XX
LVPECL
150
150
Oscilloscope
High impedance differential probe
Output Frequency (MHz)
0
100
200
300
400
500
1.4
1.42
1.44
1.46
1.48
1.5
D015
Output Frequency (MHz)
0
200
400
600
800
1000
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
D013
Output Frequency (MHz)
0
200
400
600
800
1000
0.5
0.6
0.7
0.8
0.9
D014
LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
www.ti.com
SNAS676A – OCTOBER 2015 – REVISED NOVEMBER 2015
Typical Performance Characteristics (continued)
Figure 7. LVPECL Differential Output Swing vs Frequency
Figure 8. LVDS Differential Output Swing vs Frequency
Figure 9. HCSL Differential Output Swing vs Frequency
7 Parameter Measurement Information
7.1 Device Output Configurations
Figure 10. LVPECL Output DC Configuration during Device Test
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-100M LMK61A2-
125M LMK61A2-156M LMK61A2-312M LMK61I2-100M


Similar Part No. - LMK61E2-125M00SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-125M00SIAR TI1-LMK61E2-125M00SIAR Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-125M00SIAR TI1-LMK61E2-125M00SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E2-125M00SIAR TI1-LMK61E2-125M00SIAR Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E2-125M00SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com