Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61E2-156M25SIAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E2-156M25SIAR
Description  High-Performance Ultra-Low Jitter Oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2-156M25SIAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK61E2-156M25SIAR Datasheet HTML 4Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 5Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 6Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 7Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 8Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 9Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 10Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 11Page - Texas Instruments LMK61E2-156M25SIAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Frequency (MHz)
78.125
109.375
140.625
171.875
203.125
234.375
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D008
Frequency (MHz)
78.125
109.375
140.625
171.875
203.125
234.375
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D009
Frequency (MHz)
78.125
109.375
140.625
171.875
203.125
234.375
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D007
LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
SNAS676A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
6.16 Typical Performance Characteristics
Figure 1. Phase Noise of 156.25 MHz LVPECL Differential
Figure 2. Phase Noise of 156.25 MHz LVDS Differential
Output
Output
Figure 4. 156.25 ± 78.125 MHz LVPECL Differential Output
Spectrum
Figure 3. Phase Noise of 156.25 MHz HCSL Differential
Output
Figure 5. 156.25 ± 78.125 MHz LVDS Differential Output
Figure 6. 156.25 ± 78.125 MHz HCSL Differential Output
Spectrum
Spectrum
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-100M LMK61A2-
125M LMK61A2-156M LMK61A2-312M LMK61I2-100M


Similar Part No. - LMK61E2-156M25SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-156M25SIAR TI1-LMK61E2-156M25SIAR Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-156M25SIAR TI1-LMK61E2-156M25SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E2-156M25SIAR TI1-LMK61E2-156M25SIAR Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E2-156M25SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com