Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2541SQ2380E Datasheet(PDF) 6 Page - Texas Instruments

Part # LMX2541SQ2380E
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2541SQ2380E Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2541SQ2380E Datasheet HTML 2Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 3Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 4Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 5Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 6Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 7Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 8Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 9Page - Texas Instruments LMX2541SQ2380E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
LMX2541
SNOSB31J – JULY 2009 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Vcc
Power Supply Voltage
–0.3
3.6
V
VIN
Input Voltage to pins other than Vcc Pins
–0.3
(Vcc + 0.3)
V
(3)
TL
Lead Temperature (solder 4 sec.)
260
°C
Tstg
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Never to exceed 3.6 V.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
Charged-device model (CDM), per JEDEC specification JESD22-
±1750
V(ESD)
Electrostatic discharge
V
C101(2)
Machine model (MM)
±400
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Vcc
Power Supply Voltage (All Vcc Pins)
3.15
3.3
3.45
V
TA
Ambient Temperature
–40
85
°C
7.4 Thermal Information
LMX2541
LMX2541
LMX2541
SQ2060E
SQ2060E
SQ2060E
THERMAL METRIC(1)
UNIT
9 Thermal
13 Thermal
16 Thermal
Vias(2)
Vias(3)
Vias(4)
RθJA
Junction-to-ambient thermal resistance
31.7
30.3
29.8
°C/W
ψJT
Junction-to-top characterization parameter
7.3
7.3
7.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Recommended for Most Reliable Solderability.
(3)
Compromise Between Solderability, Heat Dissipation, and Fractional Spurs.
(4)
Recommended for Optimal Heat Dissipation and Fractional Spurs.
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LMX2541


Similar Part No. - LMX2541SQ2380E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541SQ2380E NSC-LMX2541SQ2380E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2380E TI1-LMX2541SQ2380E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2380E TI-LMX2541SQ2380E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2541SQ2380E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com