Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2581ESQE Datasheet(PDF) 10 Page - Texas Instruments

Part # LMX2581ESQE
Description  Wideband Frequency Synthesizer
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2581ESQE Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2581ESQE Datasheet HTML 6Page - Texas Instruments LMX2581ESQE Datasheet HTML 7Page - Texas Instruments LMX2581ESQE Datasheet HTML 8Page - Texas Instruments LMX2581ESQE Datasheet HTML 9Page - Texas Instruments LMX2581ESQE Datasheet HTML 10Page - Texas Instruments LMX2581ESQE Datasheet HTML 11Page - Texas Instruments LMX2581ESQE Datasheet HTML 12Page - Texas Instruments LMX2581ESQE Datasheet HTML 13Page - Texas Instruments LMX2581ESQE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Frequency (MHz)
100
200
300
400
500
600
700
800
900
1000
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
D001
OSCin Doubler Enabled
OSCin Doubler Disabled
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
-400
-300
-200
-100
0
100
200
300
400
500
600
700
D001
Real
Magnitude
Imag
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
-35
-30
-25
-20
-15
-10
-5
0
5
D001
25C, Buffer On
25C, Buffer Off
-40 C Buffer Off
85C, Buffer Off
Frequency (Hz)
0
1E+9
2E+9
3E+9
4E+9
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
D001
Real
Magnitude
Imaginary
Output Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
-2
0
2
4
6
8
10
D001
50 ohm Resistor
18 nH Inductor
Frequency (Hz)
1E+8
2E+8 3E+8
5E+8 7E+8 1E+9
2E+9 3E+94E+9
10
20
30
40
50
70
100
200
300
400
500
700
1000
D001
Pull-Up Component
None
51 ohm Resistor
18 nH Inductor
LMX2581E
SNAS665 – MAY 2015
www.ti.com
Typical Characteristics (continued)
Figure 8. Single-Ended Output Power vs. Frequency
Figure 9. Impedance of RFoutX Pins
Figure 10. Sensitivity for External VCO Input (Fin) Pin
Figure 11. Impedance of External VCO Input (Fin) Pin
Figure 12. OSCin Input Sensitivity
Figure 13. OSCin Input Impedance
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMX2581E


Similar Part No. - LMX2581ESQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581EVM TI-LMX2581EVM Datasheet
2Mb / 46P
[Old version datasheet]   Input and Output Connector Description
LMX2581E TI-LMX2581E_15 Datasheet
1Mb / 55P
[Old version datasheet]   LMX2581E Wideband Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2581ESQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581 TI1-LMX2581_14 Datasheet
1Mb / 56P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY73134 SKYWORKS-SKY73134 Datasheet
857Kb / 17P
   Wideband PLL Frequency Synthesizer
logo
Texas Instruments
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581E TI-LMX2581E_15 Datasheet
1Mb / 55P
[Old version datasheet]   LMX2581E Wideband Frequency Synthesizer with Integrated VCO
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
   Wideband Synthesizer
REV. 0
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
   Microwave Wideband Synthesizer
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com