Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP09NZ Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL23EP09NZ
Description  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09NZ Datasheet(HTML) 1 Page - Silicon Laboratories

  SL23EP09NZ Datasheet HTML 1Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 2Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 3Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 4Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 5Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 6Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 7Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 8Page - Silicon Laboratories SL23EP09NZ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.2, May 6, 2008
Page 1 of 11
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
SL23EP09NZ
Key Features
• DC to 220 MHz operating frequency range
• Low output clock skew: 70ps-typ
• Low part-to-part output skew: 100 ps-typ
• Low output propogation delay: 3.5ns-typ
• 3.3V to 2.5V operation supply voltage range
• Low power dissipation
- 11 mA-typ at 66MHz at VDD=3.3V
- 10 mA-typ at 66MHz at VDD=2.5V
• One input to nine (9) output fanout buffer drivers
• Available in 16-pin SOIC package
• Available in Commercial and Industrial grades
• Available in Lead (Pb) free package
Applications
• General Purpose PCI/PCI-X Clock Buffer
• Printers, MFPs and Digital Copiers
• PCs and Work Stations
• Routers, Switches and Servers
• Datacom and Telecom
• High-Speed Digital Embeded Systems
Description
The SL23EP09NZ is a low skew, jitter and power fanout
buffer designed to produce up to nine (9) clock outputs
from one (1) reference input clock, for high speed clock
distribution.
The SL23EP09NZ products operate from DC to 220MHz
and within 3.3V to 2.5V power supply range.
Refer to SL2309NZ product for DC to 140MHz-max
frequency range. Also refer to SL2304NZ or SL23EP04NZ
products for 1:4 clock fanout buffers within 3.3V to 2.5V
power supply and DC to 220MHZ frequency range.
Benefits
• Up to nine (9) distribution of input clock
• Low propogation delay
• Low output-to-output skew
• Low output clock jitter
• Low power dissipation
Block Diagram
OUTPUT1
OUTPUT2
OUTPUT3
OUTPUT4
OUTPUT5
OUTPUT6
OUTPUT7
OUTPUT8
OUTPUT9
CLKIN
VDD(3)
GND(3)
Low Jitter and Skew DC to 220 MHz Clock Buffer


Similar Part No. - SL23EP09NZ

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
More results

Similar Description - SL23EP09NZ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com