Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04806BISQX Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK04806BISQX
Description  Low-Noise Clock Jitter Cleaner
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04806BISQX Datasheet(HTML) 5 Page - Texas Instruments

  LMK04806BISQX Datasheet HTML 1Page - Texas Instruments LMK04806BISQX Datasheet HTML 2Page - Texas Instruments LMK04806BISQX Datasheet HTML 3Page - Texas Instruments LMK04806BISQX Datasheet HTML 4Page - Texas Instruments LMK04806BISQX Datasheet HTML 5Page - Texas Instruments LMK04806BISQX Datasheet HTML 6Page - Texas Instruments LMK04806BISQX Datasheet HTML 7Page - Texas Instruments LMK04806BISQX Datasheet HTML 8Page - Texas Instruments LMK04806BISQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 139 page
background image
LMK04803, LMK04805, LMK04806, LMK04808
www.ti.com
SNAS489K – MARCH 2011 – REVISED DECEMBER 2014
Pin Functions(1) (continued)
PIN
I/O
TYPE
DESCRIPTION
NUMBER
NAME
19, 20
CLKout4, CLKout4*
O
Programmable
Clock output 4 (clock group 2).
21, 22
CLKout5*, CLKout5
O
Programmable
Clock output 5 (clock group 2).
23
GND
PWR
Ground.
24
Vcc4
PWR
Power supply for digital.
CLKin1, CLKin1*
Reference Clock Input Port 1 for PLL1. AC or DC Coupled.
Feedback input for external clock feedback input (0-delay
FBCLKin, FBCLKin*
25, 26
I
ANLG
mode). AC or DC Coupled.
External VCO input (External VCO mode). AC or DC
Fin/Fin*
Coupled.
Programmable status pin, default readback output.
27
Status_Holdover
I/O
Programmable
Programmable to holdover mode indicator. Other options
available by programming.
Reference Clock Input Port 0 for PLL1.
28, 29
CLKin0, CLKin0*
I
ANLG
AC or DC Coupled.
30
Vcc5
PWR
Power supply for clock inputs and OSCout1.
31, 32
OSCout1, OSCout1*
O
LVPECL
Buffered output 1 of OSCin port.
Programmable status pin, default lock detect for PLL1 and
33
Status_LD
I/O
Programmable
PLL2. Other options available by programming.
34
CPout1
O
ANLG
Charge pump 1 output.
35
Vcc6
PWR
Power supply for PLL1, charge pump 1.
Feedback to PLL1, Reference input to PLL2.
36, 37
OSCin, OSCin*
I
ANLG
AC Coupled.
38
Vcc7
PWR
Power supply for OSCin, OSCout0, and PLL2 circuitry.(2)
39, 40
OSCout0, OSCout0*
O
Programmable
Buffered output 0 of OSCin port.(2)
41
Vcc8
PWR
Power supply for PLL2, charge pump 2.
42
CPout2
O
ANLG
Charge pump 2 output.
43
Vcc9
PWR
Power supply for PLL2.
44
LEuWire
I
CMOS
MICROWIRE Latch Enable Input.
45
CLKuWire
I
CMOS
MICROWIRE Clock Input.
46
DATAuWire
I
CMOS
MICROWIRE Data Input.
47
Vcc10
PWR
Power supply for clock group 3: CLKout6 and CLKout7.
48, 49
CLKout6, CLKout6*
O
Programmable
Clock output 6 (clock group 3).
50, 51
CLKout7*, CLKout7
O
Programmable
Clock output 7 (clock group 3).
52
Vcc11
PWR
Power supply for clock group 4: CLKout8 and CLKout9.
53, 54
CLKout8, CLKout8*
O
Programmable
Clock output 8 (clock group 4).
55, 56
CLKout9*, CLKout9
O
Programmable
Clock output 9 (clock group 4).
57
Vcc12
PWR
Power supply for clock group 5: CLKout10 and CLKout11.
CLKout10,
58, 59
O
Programmable
Clock output 10 (clock group 5).
CLKout10*
CLKout11*,
60, 61
O
Programmable
Clock output 11 (clock group 5).
CLKout11
Programmable status pin. Default is input for pin control of
62
Status_CLKin0
I/O
Programmable
PLL1 reference clock selection. CLKin0 LOS status and
other options available by programming.
Programmable status pin. Default is input for pin control of
63
Status_CLKin1
I/O
Programmable
PLL1 reference clock selection. CLKin1 LOS status and
other options available by programming.
64
Vcc13
PWR
Power supply for clock group 0: CLKout0 and CLKout1.
DAP
DAP
GND
DIE ATTACH PAD, connect to GND.
(2)
See Vcc5 (CLKin and OSCout1), Vcc7 (OSCin and OSCout0) for information on configuring device for optimum performance.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMK04803 LMK04805 LMK04806 LMK04808


Similar Part No. - LMK04806BISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04806BISQ TI1-LMK04806BISQ Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results

Similar Description - LMK04806BISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04816 TI1-LMK04816_16 Datasheet
1Mb / 129P
[Old version datasheet]   Three Input Low-Noise Clock Jitter Cleaner
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com