Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61A2-312M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61A2-312M
Description  High-Performance Ultra-Low Jitter Oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61A2-312M Datasheet(HTML) 1 Page - Texas Instruments

  LMK61A2-312M Datasheet HTML 1Page - Texas Instruments LMK61A2-312M Datasheet HTML 2Page - Texas Instruments LMK61A2-312M Datasheet HTML 3Page - Texas Instruments LMK61A2-312M Datasheet HTML 4Page - Texas Instruments LMK61A2-312M Datasheet HTML 5Page - Texas Instruments LMK61A2-312M Datasheet HTML 6Page - Texas Instruments LMK61A2-312M Datasheet HTML 7Page - Texas Instruments LMK61A2-312M Datasheet HTML 8Page - Texas Instruments LMK61A2-312M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
SNAS676A – OCTOBER 2015 – REVISED NOVEMBER 2015
LMK61XX High-Performance Ultra-Low Jitter Oscillator
1 Features
3 Description
The LMK61XX is an ultra-low jitter oscillator that
1
Ultra-low Noise, High Performance
generates a commonly used reference clock. The
Jitter: 90 fs RMS typical Fout > 100 MHz
device is pre-programmed in factory to support any
PSRR: -70 dBc, robust supply noise immunity
reference clock frequency; supported output formats
are LVPECL up to 1 GHz, LVDS up to 900 MHz, and
Supported Output Format
HCSL up to 400 MHz. Internal power conditioning
LVPECL up to 1 GHz
provide
excellent
power
supply
ripple
rejection
LVDS up to 900 MHz
(PSRR), reducing the cost and complexity of the
power delivery network. The device operates from a
HCSL up to 400 MHz
single 3.3 V ± 5% supply.
Total Frequency Tolerance of ± 50 ppm
3.3 V Operating Voltage
Device Information(1)
Industrial Temperature Range (-40ºC to +85ºC)
OUTPUT FREQ
PART
BODY SIZE
(MHz) AND
PACKAGE
7 mm x 5 mm 6-pin Package that is Pin-
NUMBER
(NOM)
FORMAT
compatible with Industry Standard 7050 XO
LMK61A2-
100 LVDS
Package
100M00SIA
LMK61A2-
125 LVDS
2 Applications
125M00SIA
LMK61A2-
High-Performance Replacement for Crystal-,
156.25 LVDS
156M25SIA
SAW-, or Silicon-based Oscillators
LMK61A2-
Switches, Routers, Network Line Cards, Base
312.5 LVDS
312M50SIA
Band Units (BBU), Servers, Storage/SAN
LMK61E2-
7.0 mm x 5.0
100 LVPECL
6-pin QFM
Test and Measurement
100M00SIA
mm
LMK61E2-
Medical Imaging
125 LVPECL
125M00SIA
FPGA, Processor Attach
LMK61E2-
156.25 LVPECL
156M25SIA
LMK61E2-
312.5 LVPECL
312M50SIA
LMK61I2-
100 HCSL
100M00SIA
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Pinout
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMK61A2-312M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61A2-312M TI1-LMK61A2-312M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50 TI1-LMK61A2-312M50 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50 TI1-LMK61A2-312M50 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50SIAR TI1-LMK61A2-312M50SIAR Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50SIAR TI1-LMK61A2-312M50SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61A2-312M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com