Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61A2-156M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61A2-156M
Description  High-Performance Ultra-Low Jitter Oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61A2-156M Datasheet(HTML) 5 Page - Texas Instruments

  LMK61A2-156M Datasheet HTML 1Page - Texas Instruments LMK61A2-156M Datasheet HTML 2Page - Texas Instruments LMK61A2-156M Datasheet HTML 3Page - Texas Instruments LMK61A2-156M Datasheet HTML 4Page - Texas Instruments LMK61A2-156M Datasheet HTML 5Page - Texas Instruments LMK61A2-156M Datasheet HTML 6Page - Texas Instruments LMK61A2-156M Datasheet HTML 7Page - Texas Instruments LMK61A2-156M Datasheet HTML 8Page - Texas Instruments LMK61A2-156M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
www.ti.com
SNAS676A – OCTOBER 2015 – REVISED NOVEMBER 2015
LVPECL Output Characteristics
(1) (continued)
VDD = 3.3 V ± 5%, TA = -40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ODC
Output Duty Cycle(3)
45%
55%
6.7 LVDS Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency(1)
10
900
MHz
VOD
Output Voltage Swing
300
390
480
mV
(VOH - VOL)
(1)
VOUT, DIFF, PP Differential Output Peak-to-
2 x
V
Peak Swing
|VOD|
VOS
Output Common Mode
1.2
V
Voltage
tR / tF
Output Rise/Fall Time (20% to
150
250
ps
80%)(2)
PN-Floor
Output Phase Noise Floor
156.25 MHz
-162
dBc/Hz
(fOFFSET > 10 MHz)
ODC
Output Duty Cycle(2)
45%
55%
ROUT
Differential Output Impedance
125
Ohm
(1)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(2)
Ensured by characterization.
6.8 HCSL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency
10
400
MHz
VOH
Output High Voltage
600
850
mV
VOL
Output Low Voltage
-100
100
mV
VCROSS
Absolute Crossing
250
475
mV
Voltage(2)(3)
VCROSS-DELTA Variation of VCROSS
(2) (3)
0
140
mV
dV/dt
Slew Rate(4)
0.8
2
V/ns
PN-Floor
Output Phase Noise Floor
100 MHz
-164
dBc/Hz
(fOFFSET > 10 MHz)
ODC
Output Duty Cycle(4)
45%
55%
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured from -150 mV to +150 mV on the differential waveform with the 300 mVpp measurement window centered on the differential
zero crossing.
(3)
Ensured by design.
(4)
Ensured by characterization.
6.9 OE Input Characteristics
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.6
V
IIH
Input High Current
VIH = VDD
-40
40
uA
IIL
Input Low Current
VIL = GND
-40
40
uA
CIN
Input Capacitance
2
pF
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-100M LMK61A2-
125M LMK61A2-156M LMK61A2-312M LMK61I2-100M


Similar Part No. - LMK61A2-156M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61A2-156M TI1-LMK61A2-156M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-156M25 TI1-LMK61A2-156M25 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-156M25 TI1-LMK61A2-156M25 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-156M25SIAR TI1-LMK61A2-156M25SIAR Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-156M25SIAR TI1-LMK61A2-156M25SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61A2-156M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com