Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2531LQE1415E Datasheet(PDF) 9 Page - Texas Instruments

Part # LMX2531LQE1415E
Description  High-Performance Frequency Synthesizer System
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2531LQE1415E Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMX2531LQE1415E Datasheet HTML 5Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 6Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 7Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 8Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 9Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 10Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 11Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 12Page - Texas Instruments LMX2531LQE1415E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LMX2531
www.ti.com
SNAS252S – OCTOBER 2005 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
(VCC = 3.0 V, –40°C ≤ TA ≤ 85 °C; except as specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LMX2531LQ1146E
2.5 — 5.5
LMX2531LQ1226E
3 — 6
LMX2531LQ1312E
3 — 6
LMX2531LQ1415E
3.5 — 6.5
LMX2531LQ1500E
4 — 7
LMX2531LQ1515E
4 — 7
LMX2531LQ1570E
4 — 7
Fine Tuning Sensitivity
(When a range is displayed in the
LMX2531LQ1650E
4 — 7
typical column, indicates the lower
KVtune
sensitivity is typical at the lower end
LMX2531LQ1700E
6 — 10
MHz/V
of the tuning range, and the higher
LMX2531LQ1742
4 — 7
tuning sensitivity is typical at the
higher end of the tuning range.)
LMX2531LQ1778E
6 — 10
LMX2531LQ1910E
8 — 14
LMX2531LQ2080E
9 — 20
LMX2531LQ2265E
10 — 16
LMX2531LQ2570E
10 — 23
LMX2531LQ2820E
12 — 28
LMX2531LQ3010E
13 — 29
LMX2531LQ1146E
/1226E/1312E
–35
–25
/1415E/1515E
Divider
Disabled
LMX2531LQ2820E
–40
/3010E
All Other Options
–30
–25
Second Harmonic
50
Ω Load
LMX2531LQ1146E
/1226E/1312E
–30
–20
/1415E/1515E
Divider
Enabled
LMX2531LQ2820E
–30
–15
/3010E
Harmonic Suppression
All Other Options
–20
–15
HSFout
(Applies Across Entire Tuning
dBc
Range)
LMX2531LQ1146E
–35
–30
/1226E/1312E
Divider
LMX2531LQ2820E
Disabled
–50
/3010E
All Other Options
–40
–35
Third Harmonic
LMX2531LQ1146E
50
Ω Load
/1226E/1312E
–20
–15
/1570E/1650E
Divider
Enabled
LMX2531LQ2820E
–40
–20
/3010E
All Other Options
–25
–20
PUSHFout
Frequency Pushing
Creg = 0.1 µF, VDD ± 100 mV, Open Loop
300
kHz/V
PULLFout
Frequency Pulling
VSWR = 2:1, Open Loop
±600
kHz
ZFout
Output Impedance
50
Ω
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMX2531


Similar Part No. - LMX2531LQE1415E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ NSC-LMX2531LQ Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1146E NSC-LMX2531LQ1146E Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1146E TI-LMX2531LQ1146E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2531LQ1146E NSC-LMX2531LQ1146E Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1146E NSC-LMX2531LQ1146E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
More results

Similar Description - LMX2531LQE1415E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W137 CYPRESS-W137 Datasheet
174Kb / 10P
   Bx Notebook System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com