Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2531LQX1312E Datasheet(PDF) 8 Page - Texas Instruments

Part # LMX2531LQX1312E
Description  High-Performance Frequency Synthesizer System
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2531LQX1312E Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMX2531LQX1312E Datasheet HTML 4Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 5Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 6Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 7Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 8Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 9Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 10Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 11Page - Texas Instruments LMX2531LQX1312E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LMX2531
SNAS252S – OCTOBER 2005 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
(VCC = 3.0 V, –40°C ≤ TA ≤ 85 °C; except as specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LMX2531LQ1146E
1
4.0
7
LMX2531LQ1226E
1
3.5
7
LMX2531LQ1312E
1
3.5
7
LMX2531LQ1415E
0
3.0
6
LMX2531LQ1500E
1
3.5
7.0
LMX2531LQ1515E
–1
2.5
5
LMX2531LQ1570E
2
4.5
8
LMX2531LQ1650E
2
4.5
8
Divider Disabled
LMX2531LQ1700E
1
3.5
7
dBm
LMX2531LQ1742
1
3.5
7
LMX2531LQ1778E
1
3.5
7
LMX2531LQ1910E
1
3.5
7
LMX2531LQ2080E
1
3.5
7
LMX2531LQ2265E
1
3.5
7
LMX2531LQ2570E
0
3.0
6
LMX2531LQ2820E
–0.5
2.5
5.5
LMX2531LQ3010E
–1.5
1.5
4.5
Output Power to a 50-
Ω Load
pFout
(Applies across entire tuning range.)
LMX2531LQ1146E
–1
2.0
5
LMX2531LQ1226E
–1
2.0
5
LMX2531LQ1312E
–1
1.5
4
LMX2531LQ1415E
–2
0.5
3
LMX2531LQ1500E
1
3.0
6.0
LMX2531LQ1515E
–2
0.5
3
LMX2531LQ1570E
1
3.0
6
LMX2531LQ1650E
1
3.0
6
Divider Enabled
LMX2531LQ1700E
1
3.0
6
dBm
LMX2531LQ1742
1
3.0
6
LMX2531LQ1778E
1
3.0
6
LMX2531LQ1910E
1
3.0
6
LMX2531LQ2080E
0
2.5
5
LMX2531LQ2265E
0
2.5
5
LMX2531LQ2570E
–1
1.5
4
LMX2531LQ2820E
–2.5
0
2.5
LMX2531LQ3010E
–3
–0.5
2
8
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMX2531


Similar Part No. - LMX2531LQX1312E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQX NSC-LMX2531LQX Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX2531LQX1312E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W137 CYPRESS-W137 Datasheet
174Kb / 10P
   Bx Notebook System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com