Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA555D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # NA555D
Description  Precision Timers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NA555D Datasheet(HTML) 9 Page - Texas Instruments

Back Button NA555D Datasheet HTML 5Page - Texas Instruments NA555D Datasheet HTML 6Page - Texas Instruments NA555D Datasheet HTML 7Page - Texas Instruments NA555D Datasheet HTML 8Page - Texas Instruments NA555D Datasheet HTML 9Page - Texas Instruments NA555D Datasheet HTML 10Page - Texas Instruments NA555D Datasheet HTML 11Page - Texas Instruments NA555D Datasheet HTML 12Page - Texas Instruments NA555D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1
S
R
R1
TRIG
THRES
VCC
CONT
RESET
OUT
DISCH
GND
4
8
5
6
2
1
7
3
NA555, NE555, SA555, SE555
www.ti.com
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
8 Detailed Description
8.1 Overview
The xx555 timer is a popular and easy to use for general purpose timing applications from 10 µs to hours or from
< 1mHz to 100 kHz. In the time-delay or mono-stable mode of operation, the timed interval is controlled by a
single external resistor and capacitor network. In the a-stable mode of operation, the frequency and duty cycle
can be controlled independently with two external resistors and a single external capacitor. Maximum output sink
and discharge sink current is greater for higher VCC and less for lower VCC.
8.2 Functional Block Diagram
A.
Pin numbers shown are for the D, JG, P, PS, and PW packages.
B.
RESET can override TRIG, which can override THRES.
8.3 Feature Description
8.3.1 Mono-stable Operation
For mono-stable operation, any of these timers can be connected as shown in Figure 9. If the output is low,
application of a negative-going pulse to the trigger (TRIG) sets the flip-flop (Q goes low), drives the output high,
and turns off Q1. Capacitor C then is charged through RA until the voltage across the capacitor reaches the
threshold voltage of the threshold (THRES) input. If TRIG has returned to a high level, the output of the threshold
comparator resets the flip-flop (Q goes high), drives the output low, and discharges C through Q1.
Copyright © 1973–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: NA555 NE555 SA555 SE555


Similar Part No. - NA555D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA555D TI-NA555D Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NA555D TI-NA555D Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NA555D TI-NA555D Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NA555D TI-NA555D Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NA555D TI1-NA555D Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
More results

Similar Description - NA555D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com