Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2531LQX1910E Datasheet(PDF) 10 Page - Texas Instruments

Part # LMX2531LQX1910E
Description  High-Performance Frequency Synthesizer System
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2531LQX1910E Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2531LQX1910E Datasheet HTML 6Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 7Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 8Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 9Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 10Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 11Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 12Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 13Page - Texas Instruments LMX2531LQX1910E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
LMX2531
SNAS252S – OCTOBER 2005 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
(VCC = 3.0 V, –40°C ≤ TA ≤ 85 °C; except as specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCO PHASE NOISE (5)
10-kHz Offset
–96
100-kHz Offset
–121
fFout = 1146 MHz
DIV2 = 0
1-MHz Offset
–142
5-MHz Offset
–156
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1146E)
10-kHz Offset
–101
100-kHz Offset
–126
fFout = 573 MHz
DIV2 = 1
1-MHz Offset
–147
5-MHz Offset
–156
10-kHz Offset
–95
100-kHz Offset
–121
fFout = 1226 MHz
DIV2 = 0
1-MHz Offset
–142
5-MHz Offset
–155
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1226E)
10-kHz Offset
–101
100-kHz Offset
–126
fFout = 613 MHz
DIV2 = 1
1-MHz Offset
–147
5-MHz Offset
–155
10-kHz Offset
–95
100-kHz Offset
–121
fFout = 1314 MHz
DIV2 = 0
1-MHz Offset
–140
5-MHz Offset
–154
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1312E)
10-kHz Offset
–101
100-kHz Offset
–126
fFout = 657 MHz
DIV2 = 1
1-MHz Offset
–146
5-MHz Offset
–154
10-kHz Offset
–95
100-kHz Offset
–121
fFout = 1415 MHz
DIV2 = 0
1-MHz Offset
–141
5-MHz Offset
–154
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1415E)
10-kHz Offset
–100
100-kHz Offset
–126
fFout = 707.5 MHz
DIV2 = 1
1-MHz Offset
–146
5-MHz Offset
–154
10-kHz Offset
–97
100-KHz Offset
–120
fFout = 1500 MHz
DIV2 = 1
1-MHz Offset
–142
5-MHz Offset
–155
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1500E)
10-kHz Offset
–103
100-kHz Offset
–126
fFout = 750 MHz
DIV2 = 1
1-MHz Offset
–131
5-MHz Offset
–155
(5)
The VCO phase noise is measured assuming that the loop bandwidth is sufficiently narrow that the VCO noise dominates. The
maximum limits apply only at center frequency and over temperature, assuming that the part is reloaded at each test frequency. Over
frequency, the phase noise can vary 1 to 2 dB, with the worst case performance typically occurring at the highest frequency. Over
temperature, the phase noise typically varies 1 to 2 dB, assuming the part is reloaded.
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMX2531


Similar Part No. - LMX2531LQX1910E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQX NSC-LMX2531LQX Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX2531LQX1910E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W137 CYPRESS-W137 Datasheet
174Kb / 10P
   Bx Notebook System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com