Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37702M2LXXXGP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M37702M2LXXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37702M2LXXXGP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M37702M2LXXXGP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37702M2LXXXGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
MITSUBISHI MICROCOMPUTERS
M37702M2LXXXGP, M37702S1LGP
M37702M2LXXXHP, M37702S1LHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
FUNCTIONS OF M37702M2LXXXGP
Parameter
Number of basic instructions
Instruction execution time
Memory size
Input/Output ports
Multi-function timers
Serial I/O
A-D converter
Watchdog timer
Interrupts
Clock generating circuit
Supply voltage
Power dissipation
Input/Output characteristic
Memory expansion
Operating temperature range
Device structure
Package
Functions
103
500 ns (the fastest instruction at external clock 8 MHz frequency)
16 K bytes
512 bytes
8-bit ! 8
4-bit ! 1
16-bit ! 5
16-bit ! 3
(UART or clock synchronous serial I/O) ! 2
8-bit ! 1 (8 channels)
12-bit ! 1
3 external types, 16 internal types
(Each interrupt can be set the priority levels to 0 – 7.)
Built-in (externally connected to a ceramic resonator or quartz
crystal resonator)
2.7 – 5.5 V
12 mW (at 3 V supply voltage, external clock 8 MHz frequency)
30 mW (at 5 V supply voltage, external clock 8 MHz frequency)
5 V
5 mA
Maximum 16 M bytes
–40 – 85°C
CMOS high-performance silicon gate process
80-pin plastic molded QFP (80P6S-A: 0.65 mm lead pitch)
80-pin plastic molded fine-pitch QFP (80P6D-A: 0.5 mm lead pitch)
ROM
RAM
P0 – P2, P4 – P8
P3
TA0, TA1, TA2, TA3, TA4
TB0, TB1, TB2
Input/Output voltage
Output current
M37702M2LXXXGP, M37702S1LGP
M37702M2LXXXHP, M37702S1LHP


Similar Part No. - M37702M2LXXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37702M2LXXXGP RENESAS-M37702M2LXXXGP Datasheet
278Kb / 21P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37702M2LXXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com