Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFN19 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFN19
Description  PNP Silicon High-Voltage Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFN19 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFN19 Datasheet HTML 1Page - Infineon Technologies AG BFN19 Datasheet HTML 2Page - Infineon Technologies AG BFN19 Datasheet HTML 3Page - Infineon Technologies AG BFN19 Datasheet HTML 4Page - Infineon Technologies AG BFN19 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BFN17, BFN19
Nov-30-2001
5
Transition frequency fT = f (IC)
VCE = 10V
EHP00590
BFN 17/19
10
10
10
mA
f
C
10
MHz
10
T
55
5
Ι
01
2
3
10
3
2
10
1
5
Collector cutoff current ICBO = f (TA)
VCB = 200V
EHP00591
BFN 17/19
10
0
˚C
A
150
nA
CBO
10
4
1
10
-1
5
50
100
5
10
2
10
0
5
Ι
T
max
typ
5
10
3
DC current gain hFE = f (IC)
VCE = 10V
EHP00592
BFN 17/19
10
10
mA
h
C
10
5
FE
10
3
1
10
0
5
10
10
10
-1
0
1
2
3
Ι
5
10
2
555
2


Similar Part No. - BFN19

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN19 SIEMENS-BFN19 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Zetex Semiconductors
BFN19 ZETEX-BFN19 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN19 INFINEON-BFN19 Datasheet
529Kb / 6P
   Low collector-emitter saturation voltage
2011-09-30
BFN19 INFINEON-BFN19_11 Datasheet
529Kb / 6P
   Low collector-emitter saturation voltage
2011-09-30
More results

Similar Description - BFN19

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
MMBTA92LT1G ONSEMI-MMBTA92LT1G_10 Datasheet
111Kb / 4P
   High Voltage Transistors PNP Silicon
July, 2010 ??Rev. 8
logo
Infineon Technologies A...
BFN25 INFINEON-BFN25 Datasheet
48Kb / 5P
   PNP Silicon High-Voltage Transistors
Nov-30-2001
logo
ON Semiconductor
MPSA92 ONSEMI-MPSA92 Datasheet
86Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
SMMBTA92LT1G ONSEMI-SMMBTA92LT1G Datasheet
108Kb / 4P
   High Voltage Transistors PNP Silicon
January, 2013 ??Rev. 10
BSP16T1 ONSEMI-BSP16T1 Datasheet
66Kb / 3P
   High Voltage Transistors PNP Silicon
June, 2007 - Rev. 6
logo
Central Semiconductor C...
MPSA92 CENTRAL-MPSA92_15 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com