Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4700 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI4700
Description  Device initialization sequence and busmode selection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4700 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4700 Datasheet HTML 2Page - Silicon Laboratories SI4700 Datasheet HTML 3Page - Silicon Laboratories SI4700 Datasheet HTML 4Page - Silicon Laboratories SI4700 Datasheet HTML 5Page - Silicon Laboratories SI4700 Datasheet HTML 6Page - Silicon Laboratories SI4700 Datasheet HTML 7Page - Silicon Laboratories SI4700 Datasheet HTML 8Page - Silicon Laboratories SI4700 Datasheet HTML 9Page - Silicon Laboratories SI4700 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
AN230
6
Rev. 0.9
2. Set the ENABLE bit high and the DISABLE bit high to place the device in powerdown mode. Note that all
register states are maintained so long as VIO is supplied and the RST pin is high.
3. Remove VA and VD supplies as needed.
To power up the device (after power down):
1. Si4703-C19 Errata Option 1: Perform a hard reset of the tuner by following steps 2, 3, and 4 of 2.1.1 Hardware
Initialization.
2. Note that VIO is still supplied in this scenario. If VIO is not supplied, refer to device initialization procedure above.
3. Supply VA and VD.
4. Set the ENABLE bit high and the DISABLE bit low to powerup the device.
Setting the RST pin low will disable analog and digital circuitry, reset the registers to their default settings, and
disable the bus. Setting the RST pin high will bring the device out of reset, place the device in powerdown mode,
and latch which bus mode will be used to communicate with the device. There are two methods for selecting the
bus mode. Method one uses the SEN and SDIO pins while method two uses GPIO1 and GPIO3 (See Figure 3).
Please refer to the data sheet for more information regarding bus selection and timing requirements of the RST
signal.
More details on the register access during powerup and powerdown can be found in Section "3.2.1.ENABLE
(02h.0)/DISABLE (02h.6)—Powerup Control" on page 11.
Figure 2. Powerup, Powerdown, and Reset State Diagram
<Process Name>
Powerdown
Read:
ENABLE = 0
DISABLE = 0
Inactive
Registers reset to
default values
Bus Inactive
Powerup
Read:
ENABLE = 1
DISABLE = 0
Partial
Powerdown
Read:
ENABLE = 0
DISABLE = X
RST = VIO
Write:
ENABLE = 1
DISABLE = 0
Write:
ENABLE = 0
DISABLE = X
Write:
ENABLE = 1
DISABLE = 0
Write:
ENABLE = 1
DISABLE = 1
RST = GND
VA Optional
VD Optional
VIO Optional
RCLK Optional
VIO must be supplied prior to the
rising edge of reset
VA Optional
VD Optional
VIO Required
RCLK Optional
VA, VD, and RCLK must be supplied
prior to writing ENABLE = 1
VA Required
VD Required
VIO Required
RCLK Required
Si4703-C19 Errata: Ensure RDSD
register is zero before enabling.
VA Optional
VD Optional
VIO Required
RCLK Optional
Device Status
Power Supply Status


Similar Part No. - SI4700

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4700 SILABS-SI4700 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4700 SILABS-SI4700 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4700 SILABS-SI4700 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4700 SILABS-SI4700 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
More results

Similar Description - SI4700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
STMicroelectronics
STM32CUBEMX STMICROELECTRONICS-STM32CUBEMX Datasheet
519Kb / 7P
   STM32 configuration and initialization C code generation
Rev 17 - July 2021
AN413 STMICROELECTRONICS-AN413 Datasheet
216Kb / 45P
   Initialization of the ST9
logo
Omron Electronics LLC
CJ1G-CPU4XP OMRON-CJ1G-CPU4XP Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
logo
STMicroelectronics
AN3395 STMICROELECTRONICS-AN3395 Datasheet
154Kb / 11P
   Sensing resistor selection and usage
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
STMicroelectronics
UM1718 STMICROELECTRONICS-UM1718 Datasheet
14Mb / 231P
   STM32CubeMX for STM32 configuration and initialization C code generation
May 2016 Rev 15
logo
Extech Instruments Corp...
480403 EXTECH-480403 Datasheet
161Kb / 7P
   Phase Sequence and Motor Rotation Tester
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
   miniSMD Selection Guide and Product Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com