Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4709 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI4709
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4709 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI4709 Datasheet HTML 3Page - Silicon Laboratories SI4709 Datasheet HTML 4Page - Silicon Laboratories SI4709 Datasheet HTML 5Page - Silicon Laboratories SI4709 Datasheet HTML 6Page - Silicon Laboratories SI4709 Datasheet HTML 7Page - Silicon Laboratories SI4709 Datasheet HTML 8Page - Silicon Laboratories SI4709 Datasheet HTML 9Page - Silicon Laboratories SI4709 Datasheet HTML 10Page - Silicon Laboratories SI4709 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 302 page
background image
AN332
Rev. 1.0
7
5. Commands and Properties
There are four different components for these product families:
1. FM Transmitter component
2. FM Receiver component
3. AM/SW/LW component
4. WB component
The following four subsections list all the commands and properties used by each of the component.
5.1. Commands and Properties for the FM/RDS Transmitter (Si4710/11/12/13/20/21)
The following two tables are the summary of the commands and properties for the FM/RDS Transmitter component
applicable to Si4710/11/12/13/20/21.
Table 4. FM/RDS Transmitter Command Summary
Cmd
Name
Description
Available In
0x01
POWER_UP
Power up device and mode selection. Modes include FM
transmit and analog/digital audio interface configuration.
All
0x10
GET_REV
Returns revision information on the device.
All
0x11
POWER_DOWN
Power down device.
All
0x12
SET_PROPERTY
Sets the value of a property.
All
0x13
GET_PROPERTY
Retrieves a property’s value.
All
0x14
GET_INT_STATUS
Read interrupt status bits.
All
0x15
PATCH_ARGS*
Reserved command used for patch file downloads.
All
0x16
PATCH_DATA*
Reserved command used for patch file downloads.
All
0x30
TX_TUNE_FREQ
Tunes to given transmit frequency.
All
0x31
TX_TUNE_POWER
Sets the output power level and tunes the antenna capaci-
tor.
All
0x32
TX_TUNE_MEASURE
Measure the received noise level at the specified fre-
quency.
Si4712/13/20
/21
0x33
TX_TUNE_STATUS
Queries the status of a previously sent TX Tune Freq, TX
Tune Power, or TX Tune Measure command.
All
0x34
TX_ASQ_STATUS
Queries the TX status and input audio signal metrics.
All
0x35
TX_RDS_BUFF
Queries the status of the RDS Group Buffer and loads
new data into buffer.
Si4711/13/21
0x36
TX_RDS_PS
Set up default PS strings.
Si4711/13/21
0x80
GPIO_CTL
Configures GPO1, 2, and 3 as output or Hi-Z.
All except
Si4710-A10
0x81
GPIO_SET
Sets GPO1, 2, and 3 output level (low or high).
All except
Si4710-A10
*Note:
Commands PATCH_ARGS and PATCH_DATA are only used to patch firmware. For information on applying a patch
file, see "7.2. Powerup from a Component Patch" on page 216.


Similar Part No. - SI4709

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4709 SILABS-SI4709 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4709 SILABS-SI4709 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
SI4709 SILABS-SI4709 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4709 SILABS-SI4709 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4709 SILABS-SI4709 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
More results

Similar Description - SI4709

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com