Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4740 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4740
Description  Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4740 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4740 Datasheet HTML 1Page - Silicon Laboratories SI4740 Datasheet HTML 2Page - Silicon Laboratories SI4740 Datasheet HTML 3Page - Silicon Laboratories SI4740 Datasheet HTML 4Page - Silicon Laboratories SI4740 Datasheet HTML 5Page - Silicon Laboratories SI4740 Datasheet HTML 6Page - Silicon Laboratories SI4740 Datasheet HTML 7Page - Silicon Laboratories SI4740 Datasheet HTML 8Page - Silicon Laboratories SI4740 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN400
Rev. 0.5
5
R11 (25
to 2 k) is a required series termination resistor when using digital audio output (Si4741/43/45 only) and
is used to mitigate noise from the digital frame clock routed to DFS pin 18. The recommended value of the resistor
is 1.4 k
 for optimal edge rate and noise suppression. Confirm that timing requirements are met with the selected
series termination resistor value. Place R11 as close to the host controller as possible.
R22 and R23 (4.02 k
) are optional pull-up and pull-down resistors for the RCLK line to reduce the energy in
harmonics of RCLK that might fall in the AM band. The recommended value is chosen such that RCLK will still
meet the voltage requirements of Si474x. Place R22 and R23 as close as possible to RCLK pin 11. If the RCLK
frequency is higher than the maximum frequency in the AM band, this will eliminate harmonics of RCLK that fall in
the AM band. Refer to “AN332: Si47xx Programming Guide” and “AN344: Si4706/07/4x Programming Guide” for
recommended RCLK and prescalar values.
R2 (24.3 k
) and R13 (4.53 k) are optional pull-up and pull-down resistors for the DFS line when using digital
audio output (Si4741/43/45 only.) They are used to reduce the energy in harmonics of DFS that might fall in the AM
band. The recommended value is chosen such that DFS will still meet the voltage and timing requirements of I2S.
Place R2 and R13 as close as possible to DFS pin 18.
2.2. Si474x 4x4 mm Schematic
Figure 1. Si474x 4x4 mm QFN Schematic


Similar Part No. - SI4740

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4740 SILABS-SI4740 Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI4740 SILABS-SI4740 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4740 SILABS-SI4740 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4740 SILABS-Si4740 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4740

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com