Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN603 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # AN603
Description  Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN603 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button AN603 Datasheet HTML 3Page - Silicon Laboratories AN603 Datasheet HTML 4Page - Silicon Laboratories AN603 Datasheet HTML 5Page - Silicon Laboratories AN603 Datasheet HTML 6Page - Silicon Laboratories AN603 Datasheet HTML 7Page - Silicon Laboratories AN603 Datasheet HTML 8Page - Silicon Laboratories AN603 Datasheet HTML 9Page - Silicon Laboratories AN603 Datasheet HTML 10Page - Silicon Laboratories AN603 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AN603
Rev. 0.3
7
3.5. FM Limiting –3 dB
3.5.1. Description
The test measures the RF input level when audio output level drops by 3 dB from the standard level.
3.5.2. Conditions / Procedure
1. Connect test equipment as shown in Figure 1.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = THD+N / SINAD.
i. Set Measurement Mode = SINAD.
ii. Set Unit = dB.
iii. Set Filter = A-weighting.
iv. Set Frequency Limit Low = 300 Hz.
v. Set Frequency Limit High = 15000 Hz.
4. Configure generator:
a. Set carrier frequency = 98 MHz.
b. Set RF level = 94 dBμV.
c. Select FM Modulation.
i. Set FM Deviation = 22.5 kHz.
ii. Set Source = LFGEN.
iii. Set LFGEN Frequency = 1 kHz.
d. Enable modulation.
e. Enable carrier.
5. Record the audio output level (dBV) = VAUDIO0
6. Adjust the signal generator RF level VRF0, until audio output level VAUDIO1 = VAUDIO0-3.
7. FM limiting –3 dB (dBμV) = VRF0.
3.5.3. Pass Criteria
FM Limiting sensitivity for –3 dB audio level drop should be no more than 3 dBμV.


Similar Part No. - AN603

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AN600 INFINEON-AN600 Datasheet
1Mb / 22P
   60 GHz radar system platform
V2.2 2021-11-15
logo
Vishay Siliconix
AN601 VISHAY-AN601 Datasheet
102Kb / 8P
   Unclamped Inductive Switching Rugged MOSFETs For Rugged Environments
15-Feb-94
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
Silicon Laboratories
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
STMicroelectronics
AN604 STMICROELECTRONICS-AN604 Datasheet
151Kb / 12P
   Calculation of conduction losses in a power rectifier
More results

Similar Description - AN603

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN569 SILABS-AN569 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com