Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4825 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4825
Description  Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4825 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4825 Datasheet HTML 1Page - Silicon Laboratories SI4825 Datasheet HTML 2Page - Silicon Laboratories SI4825 Datasheet HTML 3Page - Silicon Laboratories SI4825 Datasheet HTML 4Page - Silicon Laboratories SI4825 Datasheet HTML 5Page - Silicon Laboratories SI4825 Datasheet HTML 6Page - Silicon Laboratories SI4825 Datasheet HTML 7Page - Silicon Laboratories SI4825 Datasheet HTML 8Page - Silicon Laboratories SI4825 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
AN569
2
Rev. 0.3
Figure 2. FM Tuner Setup with Two Generators
FM tuner test equipment lists:

Rohde & Schwarz UPL Audio Analyzer.

Rohde &Schwarz SML01 Signal Generator

Mini-Circuits Power Combiner
2.2. FM Tuner Testing Considerations
Several issues must be considered to make accurate measurements.
First, the power combiner and cable losses must be calibrated and factored into each measurement. The loss for
the Mini-Circuit power combiner is approximately 6 dB.
Second, most signal generators display the voltage generated at the input of the device under test (DUT),
assuming an input resistance of 50
. For example, if the signal generator displays VL = 1 μV (0 dBμV), the
generator source voltage VS is 2 μV (6 dBμV). The load voltage VL is generated from the source voltage VS by the
voltage divider created by the 50
 generator source resistance RS and the 50  load resistance RL. This
distinction is important only for sensitivity, and IP3, which are specified in μV EMF*, where EMF refers to the source
voltage VS. Measurements such as AM suppression, selectivity, and spurious response are relative and may be
referenced using VS or VL. To summarize, the generator displays the voltage at the input of the DUT. Input
impedance for the Si4831/35/36/20/24/25 FM tuner is high, so to convert the value displayed on the signal
generator to EMF, double the voltage (add 6 dB).
*Note:
EMF = Electro Motive Force
5 6 DXGLR
DQDO\]HU
&+ &+
5 6 60/ JHQHUDWRU 
5 6 60/ JHQHUDWRU 
3RZHU
&RPELQHU
)0 DQWHQQD
-
*1'
/RXW
5RXW
*1'
6L 'HPR %RDUG
7373
$XGLR RXWSXW WHVW SRLQW
-
+HDGSKRQH


Similar Part No. - SI4825

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4825 SILABS-SI4825 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10-CS SKYWORKS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Similar Description - SI4825

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4820-DEMO SILABS-SI4820-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
   Demo Board
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
   MLX90401 Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com